Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9217 Datasheet (PDF) - Texas Instruments

ADS9217 Datasheet PDF - Texas Instruments
Part # ADS9217
Download  ADS9217 Download
File Size   2892.94 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver

ADS9217 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9217 Datasheet PDF - Texas Instruments

Part # ADS9217
Download  ADS9217 Click to download

File Size   2892.94 Kbytes
Page   75 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver

ADS9217 Datasheet (HTML) - Texas Instruments


ADS9217 Product details

1 Features
• High-speed and low-power:
– ADS9219: 20MSPS/ch, 230mW/ch
– ADS9218: 10MSPS/ch, 146mW/ch
– ADS9217: 5MSPS/ch, 95mW/ch
• 2-channel, simultaneous sampling
• Feature integration:
– Integrated ADC driver
– Integrated precision reference
– Common-mode voltage output buffer
• High performance:
– 18-bit no-missing-codes
– INL: ±1LSB, DNL: ±0.75LSB
– SNR: 95.5dB and 104.5dB SNR with OSR = 16
• Wide input bandwidth (–3dB):
– ADS9219 and ADS9218: 90MHz
– ADS9217: 45MHz
• Serial LVDS interface:
– SDR and DDR output modes
– Synchronous clock and data output
• Extended operating range: –40°C to +125°C

2 Applications
• Power analyzers
• Source measurement units (SMU)
• Marine equipment
• Servo drive position feedback
• DC power supplies, AC sources, electronic loads

3 Description
The ADS921x is a family of 18-bit, high-speed, dualchannel,
simultaneous-sampling, analog-to-digital
converters (ADCs) with an integrated driver for the
ADC inputs. The integrated ADC driver simplifies
the signal chain, reduces power consumption for
precision applications, and supports high-frequency
signals beyond 1MHz. By not requiring an external
decoupling capacitor, the integrated ADC reference
buffer is optimized for wide bandwidth applications.
The ADS921x uses a serial LVDS (SLVDS)
data interface that enables high-speed digital
communication while minimizing digital switching
noise. Read the dual-channel ADC data using
separate SLVDS outputs per ADC channel or one
SLVDS output for both ADC channels.




Similar Part No. - ADS9217

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9217 TI1-ADS9217 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
ADS9217 TI1-ADS9217 Datasheet
2Mb / 74P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
REVISED MAY 2024
ADS9217 TI1-ADS9217 Datasheet
2Mb / 76P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
MAY 2024
ADS9217 TI1-ADS9217 Datasheet
2Mb / 72P
ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
MARCH 2025
ADS9217 TI2-ADS9217 Datasheet
2Mb / 68P
ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
MAY 2025
More results


Similar Description - ADS9217

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7357 AD-AD7357 Datasheet
196Kb / 17P
Differential Input,Dual,Simultaneous Sampling, 4.25 MSPS, 14-Bit, SAR ADC
Rev. PrD
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7357 AD-AD7357_08 Datasheet
398Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
Rev. PrF
AD7357 AD-AD7357_09 Datasheet
469Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. 0
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7357 AD-AD7357_15 Datasheet
623Kb / 21P
Differential Input, Dual, Simultaneous Sampling, 4.2 MSPS, 14-Bit, SAR ADC
REV. B
AD7381-4 AD-AD7381-4 Datasheet
638Kb / 31P
Differential Input, Quad,14-Bit, Simultaneous Sampling, SAR ADC
1/2022-Revision 0
logo
Maxim Integrated Produc...
MAX11960 MAXIM-MAX11960 Datasheet
3Mb / 31P
Dual Simultaneous Sampling, 20-Bit, 1Msps, Differential SAR ADC
2016
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com