Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADS9127 Datasheet (PDF) - Texas Instruments

ADS9127 Datasheet PDF - Texas Instruments
Part # ADS9127
Download  ADS9127 Download
File Size   2793.1 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver

ADS9127 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS9127 Datasheet PDF - Texas Instruments

Part # ADS9127
Download  ADS9127 Click to download

File Size   2793.1 Kbytes
Page   68 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description ADS911x 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver

ADS9127 Datasheet (HTML) - Texas Instruments


ADS9127 Product details

1 Features
• High-speed and low-power:
– ADS9119: 20MSPS, 274mW
– ADS9118: 10MSPS, 83mW
– ADS9117: 5MSPS, 59mW
• Feature integration:
– Integrated ADC driver
– Integrated precision reference
– Common-mode voltage output buffer
• High performance:
– 18-bit no missing codes
– INL: ±0.8LSB, DNL: ±0.4LSB
– SNR: 95.5dB
• Wide input bandwidth:
– ADS9119 and ADS9118: 90MHz (–3dB)
– ADS9117: 45MHz (–3dB)
• Serial LVDS interface:
– SDR and DDR output modes
– Synchronous clock and data output
• Extended operating range: –40°C to +125°C

2 Applications
• Power analyzers
• Source measurement units (SMU)
• Marine equipment
• Servo drive position feedback
• DC power supplies, AC sources, electronic loads

3 Description
The ADS911x is a family of 18-bit, high-speed,
analog-to-digital converters (ADCs) with an integrated
driver for the ADC inputs. The integrated ADC
driver simplifies the signal chain, reduces power
consumption for precision applications, and supports
high-frequency signals beyond 1MHz. By not requiring
an external decoupling capacitor, the integrated ADC
reference buffer is optimized for wide bandwidth
applications.
The ADS911x uses a serial LVDS (SLVDS)
data interface that enables high-speed digital
communication while minimizing digital switching
noise. Read the dual-channel ADC data using
separate SLVDS outputs per ADC channel or one
SLVDS output for both ADC channels.




Similar Part No. - ADS9127

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS9127 TI1-ADS9127 Datasheet
2Mb / 72P
ADS922x Dual, Simultaneous-Sampling, 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
MARCH 2025
ADS9127 TI2-ADS9127 Datasheet
2Mb / 67P
ADS912x 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
MAY 2025
ADS9127 TI2-ADS9127 Datasheet
2Mb / 75P
ADS921x Dual, Simultaneous-Sampling, 18-Bit, 20MSPS SAR ADC With Fully Differential ADC Input Driver
REVISED APRIL 2025
ADS9127RHAR TI2-ADS9127RHAR Datasheet
2Mb / 67P
ADS912x 16-Bit, 20MSPS SAR ADCs With Fully Differential ADC Input Driver
MAY 2025
More results


Similar Description - ADS9127

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
664Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
Maxim Integrated Produc...
MAX11902 MAXIM-MAX11902 Datasheet
914Kb / 29P
Fully Differential SAR ADC
Rev 0; 9/14
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Analog Devices
AD4003 AD-AD4003 Datasheet
1Mb / 34P
18-Bit, 2 MSPS Precision SAR Differential ADC
REV. 0
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
12-Bit Differential Input 200kSPS SAR ADC
logo
Maxim Integrated Produc...
MAX11901 MAXIM-MAX11901 Datasheet
1Mb / 29P
16-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11902 MAXIM-MAX11902_V01 Datasheet
956Kb / 29P
18-Bit, 1Msps, Low-Power, Fully Differential SAR ADC
2018
MAX11903 MAXIM-MAX11903 Datasheet
939Kb / 29P
18-Bit, 1.6Msps, Low-Power, Fully Differential SAR ADC
2015
logo
Texas Instruments
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com