Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RC256VPNF-G-JNE1 Datasheet (PDF) - RAMXEED LIMITED

MB85RC256VPNF-G-JNE1 Datasheet PDF - RAMXEED LIMITED
Part # MB85RC256VPNF-G-JNE1
Download  MB85RC256VPNF-G-JNE1 Download
File Size   2648.73 Kbytes
Page   39 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 256 K (32 K x 8) Bit I2C

MB85RC256VPNF-G-JNE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RC256VPNF-G-JNE1 Datasheet PDF - RAMXEED LIMITED

Part # MB85RC256VPNF-G-JNE1
Download  MB85RC256VPNF-G-JNE1 Click to download

File Size   2648.73 Kbytes
Page   39 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 256 K (32 K x 8) Bit I2C

MB85RC256VPNF-G-JNE1 Datasheet (HTML) - RAMXEED LIMITED


MB85RC256VPNF-G-JNE1 Product details

 DESCRIPTION
The MB85RC256V is an FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 32,768
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
Unlike SRAM, the MB85RC256V is able to retain data without using a data backup battery.
The read/write endurance of the nonvolatile memory cells used for the MB85RC256V has improved to be
at least 1012 cycles, significantly outperforming other nonvolatile memory products in the number.
The MB85RC256V does not need a polling sequence after writing to the memory such as the case of Flash
memory or E2PROM.

 FEATURES
• Bit configuration : 32,768 words  8 bits
• Two-wire serial interface : Fully controllable by two ports: serial clock (SCL) and serial data (SDA).
• Operating frequency : 1 MHz (Max)
• Read/write endurance : 1012 times / byte
• Data retention : 10 years (  85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage: 2.7 V to 5.5 V
• Low-power consumption : Operating power supply current 200 A (Max @1 MHz)
Standby current 27 A (Typ)
• Operation ambient temperature range
:  40 C to  85 C
• Package : 8-pin plastic SOP (150mil)
8-pin plastic SOP (208mil)
Both are RoHS compliant




Similar Part No. - MB85RC256VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RC256VPNF-G-JNE1 FUJITSU-MB85RC256VPNF-G-JNE1 Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
More results


Similar Description - MB85RC256VPNF-G-JNE1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C256 AMD-AM27C256 Datasheet
171Kb / 12P
256 Kilobit (32 K x 8-Bit) CMOS EPRO
logo
Hitachi Semiconductor
HN58S256A HITACHI-HN58S256A Datasheet
88Kb / 17P
256 k EEPROM (32-kword x 8-bit)
logo
fujitsu semiconductor
MB85R256H FUJITSU-MB85R256H Datasheet
277Kb / 14P
Memory FRAM CMOS 256 K (32 K 횞 8) Bit
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14MC256J CYPRESS-CY14MC256J_13 Datasheet
1Mb / 30P
256-Kbit (32 K x 8) Serial (I2C) nvSRAM
CY14V256LA CYPRESS-CY14V256LA_13 Datasheet
497Kb / 22P
256-Kbit (32 K x 8) nvSRAM
CY62256NLL-55SNXIT CYPRESS-CY62256NLL-55SNXIT Datasheet
450Kb / 16P
256 K (32 K x 8) Static RAM
logo
fujitsu semiconductor
MB85R256F FUJITSU-MB85R256F Datasheet
413Kb / 36P
256 K (32 K 횞 8) ?볝긿?
MB85RC256VPNF-G FUJITSU-MB85RC256VPNF-G Datasheet
317Kb / 28P
256 K (32 K 횞 8) Bit I2C
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com