Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4909IQT Datasheet (PDF) - STMicroelectronics

TS4909IQT Datasheet PDF - STMicroelectronics
Part # TS4909IQT
Download  TS4909IQT Download
File Size   585.85 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs

TS4909IQT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4909IQT Datasheet PDF - STMicroelectronics

Part # TS4909IQT
Download  TS4909IQT Click to download

File Size   585.85 Kbytes
Page   35 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Dual mode low power 150 mW stereo headphone amplifier with capacitor-less and single-ended outputs

TS4909IQT Datasheet (HTML) - STMicroelectronics


TS4909IQT Product details

Features
■ No output coupling capacitors necessary
■ Pop-and-click noise reduction circuitry
■ Operating from VCC = 2.2 V to 5.5 V
■ Standby mode active low
■ Output power:
– 158 mW at 5 V, into 16 Ω with 1% THD+N
max (1 kHz)
– 52 mW at 3.0 V into 16 Ω with 1% THD+N
max (1 kHz)
■ Ultra-low current consumption: 2.0 mA typ. at
3 V
■ Ultra-low standby consumption: 10 nA typ.
■ High signal-to-noise ratio: 105 dB typ. at 5 V
■ High crosstalk immunity: 110 dB (F = 1 kHz)
for single-ended outputs
■ PSRR: 72 dB (F = 1 kHz), inputs grounded, for
phantom ground outputs
■ Low tWU: 50 ms in PG mode, 100 ms in SE mode
■ Available in lead-free DFN10 3 x 3 mm

Applications
■ Headphone amplifier
■ Mobile phone
■ PDA, portable audio player




Similar Part No. - TS4909IQT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4909IQT STMICROELECTRONICS-TS4909IQT Datasheet
526Kb / 32P
Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
26-Sep-2007
More results


Similar Description - TS4909IQT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA112 TI-TPA112 Datasheet
472Kb / 28P
150-mW STEREO AUDIO POWER AMPLIFIER
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
Output Capacitor-less Stereo 35mW Headphone Amplifier
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
logo
Texas Instruments
TPA6112A2 TI-TPA6112A2 Datasheet
414Kb / 17P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2 Datasheet
509Kb / 21P
150-mW STEREO AUDIO POWER AMPLIFIER
TPA6111A2 TI-TPA6111A2_07 Datasheet
740Kb / 23P
150-mW STEREO AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
STMicroelectronics
TS4909 STMICROELECTRONICS-TS4909 Datasheet
526Kb / 32P
Dual mode low power 150mW stereo headphone amplifier with capacitor-less and single-ended outputs
26-Sep-2007
logo
Texas Instruments
TPA6110A2 TI-TPA6110A2_15 Datasheet
936Kb / 24P
150-mW STEREO AUDIO POWER AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com