Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS4962MEIJT Datasheet (PDF) - STMicroelectronics

TS4962MEIJT Datasheet PDF - STMicroelectronics
Part # TS4962MEIJT
Download  TS4962MEIJT Download
File Size   1319.06 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 W filter-free class D audio power amplifier

TS4962MEIJT Datasheet (PDF)

Go To PDF Page Download Datasheet
TS4962MEIJT Datasheet PDF - STMicroelectronics

Part # TS4962MEIJT
Download  TS4962MEIJT Click to download

File Size   1319.06 Kbytes
Page   41 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3 W filter-free class D audio power amplifier

TS4962MEIJT Datasheet (HTML) - STMicroelectronics


TS4962MEIJT Product details

Features
· Operating from VCC = 2.4 V to 5.5 V
· Standby mode active low
· Output power: 3 W into 4 Ω and 1.75 W into 8
Ω with 10% THD+N max. and 5 V power supply
· Output power: 2.3 W @5 V or 0.75 W @ 3.0 V
into 4 Ω with 1% THD+N max.
· Output power: 1.4 W @5 V or 0.45 W @ 3.0 V
into 8 Ω with 1% THD+N max.
· Adjustable gain via external resistors
· Low current consumption 2 mA @ 3 V
· Efficiency: 88% typ.
· Signal to noise ratio: 85 dB typ.
· PSRR: 63 dB typ. @217 Hz with 6 dB gain
· PWM base frequency: 250 kHz
· Low pop and click noise
· Available in Flip Chip 9 x 300 μm (Pb-free)

Applications
· Portable gaming consoles
· VR headsets
· Smart phones
· Tablets




Similar Part No. - TS4962MEIJT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4962MEIJT STMICROELECTRONICS-TS4962MEIJT Datasheet
1Mb / 32P
3W Filter - free Class D Audio Power Amplifier
Dec-2005
TS4962MEIJT STMICROELECTRONICS-TS4962MEIJT Datasheet
1Mb / 41P
3W filter-free class D audio power amplifier
10-Jan-2007
More results


Similar Description - TS4962MEIJT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1 Datasheet
867Kb / 24P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3117D2 TI-TPA3117D2 Datasheet
855Kb / 30P
15-W Filter-Free Stereo Class-D Audio Power Amplifier
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com