Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

125042 Datasheet (PDF) - Elma Electronic Ltd

125042 Datasheet PDF - Elma Electronic Ltd
Part # 125042
Download  125042 Download
File Size   239.22 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description ELOS ELMA OPEN SYSTEM

125042 Datasheet (PDF)

Go To PDF Page Download Datasheet
125042 Datasheet PDF - Elma Electronic Ltd

Part # 125042
Download  125042 Click to download

File Size   239.22 Kbytes
Page   2 Pages
Manufacturer  ELMA [Elma Electronic Ltd]
Direct Link  https://www.elma.com/en
Logo ELMA - Elma Electronic Ltd
Description ELOS ELMA OPEN SYSTEM

125042 Datasheet (HTML) - Elma Electronic Ltd


125042 Product details

ELOS is an embedded rugged system platform for a wide
range of applications. The concept is based on modular
building blocks that a customer specific configuration can
be built in no time.
›› Enclosure for 3 slots for 100 x 160 mm cards with
passive or active cooling
›› CPCI serial backplane with 2 or 3 slots
›› Power supply for railway, automotive or industrial
application with wide input range
›› Several CPU units and a wide range of peripheral cards
MAIN FEATURES
RUGGED ENCLOSURE FOR 100 X 160 MM CARDS




Similar Part No. - 125042

ManufacturerPart #DatasheetDescription
logo
Heyco.
12504 HEYCO-12504 Datasheet
112Kb / 1P
Nylon Tapped Hex Spacers
logo
Belden Inc.
12504 BELDEN-12504 Datasheet
403Kb / 3P
PROFIBUS Data Single-Ended Cordset
logo
Weidmuller
1250410000 WEIDMULLER-1250410000 Datasheet
1Mb / 7P
OMNIMATE Signal - series LSF LSF-SMD 3.50/06/180 SN BK RL
July 2, 2018 9:57:04 AM
More results


Similar Description - 125042

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0752350203 MOLEX9-0752350203 Datasheet
263Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0754330504 MOLEX9-0754330504 Datasheet
237Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Open Header
0752350705 MOLEX9-0752350705 Datasheet
262Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0754330105 MOLEX9-0754330105 Datasheet
255Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 3-Pair GbX Backplane Connector System, Open Header
0758380705 MOLEX9-0758380705 Datasheet
280Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0758382105 MOLEX9-0758382105 Datasheet
260Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0752350105 MOLEX9-0752350105 Datasheet
263Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0758384104 MOLEX9-0758384104 Datasheet
273Kb / 3P
1.85mm by 1.85mm (.073 by .073") Pitch 4-Pair GbX Backplane Connector System, Open Header
0190780122 MOLEX-0190780122 Datasheet
27Kb / 1P
12 Ton Hydraulic System, Open Yoke
07/30/2021
logo
List of Unclassifed Man...
81-097-01 ETC-81-097-01 Datasheet
102Kb / 2P
Elma IEEE hot-swap injector/ejector handle
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com