Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3213990 Datasheet (PDF) - PHOENIX CONTACT

3213990 Datasheet PDF - PHOENIX CONTACT
Part # 3213990
Download  3213990 Download
File Size   176.15 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ATP-PTI/3 - Partition plate

3213990 Datasheet (PDF)

Go To PDF Page Download Datasheet
3213990 Datasheet PDF - PHOENIX CONTACT

Part # 3213990
Download  3213990 Click to download

File Size   176.15 Kbytes
Page   4 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ATP-PTI/3 - Partition plate

3213990 Datasheet (HTML) - PHOENIX CONTACT


3213990 Product details

Partition plate, depth: 49.3 mm, width: 2.2 mm, height: 103 mm, color: gray
Commercial data




Similar Part No. - 3213990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3213949 PHOENIX-3213949 Datasheet
92Kb / 7P
Installation ground terminal block - PTI 2,5-PE/L/L
3213950 PHOENIX-3213950 Datasheet
92Kb / 7P
Installation ground terminal block - PTI 2,5-PE/L/N
3213951 PHOENIX-3213951 Datasheet
174Kb / 19P
Installation level terminal block - PTI 2,5-L
3213952 PHOENIX-3213952 Datasheet
170Kb / 17P
Installation level terminal block - PTI 2,5-N
3213953 PHOENIX-3213953 Datasheet
175Kb / 18P
Installation level terminal block - PTI 2,5-L/L
More results


Similar Description - 3213990

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0304227 PHOENIX-0304227 Datasheet
45Kb / 2P
Partition plate - ATS-GSK - 0304227
0308223 PHOENIX-0308223 Datasheet
45Kb / 2P
Partition plate - ATS-RTK-BEN - 0308223
0311139 PHOENIX-0311139 Datasheet
45Kb / 2P
Partition plate - ATP-URTK/SP - 0311139
3002542 PHOENIX-3002542 Datasheet
50Kb / 2P
Partition plate - ATP-UK 3-RETURN
09/12/2020
3005772 PHOENIX-3005772 Datasheet
53Kb / 3P
Partition plate - ATP-ZFKKB 4
09/12/2020
3034387 PHOENIX-3034387 Datasheet
85Kb / 5P
Partition plate - CARRIER 35-8
09/12/2020
3047167 PHOENIX-3047167 Datasheet
56Kb / 3P
Partition plate - ATP-UT
09/12/2020
1413285 PHOENIX-1413285 Datasheet
52Kb / 3P
Partition plate - ATP-DIKD 1,5
09/11/2020
2740850 PHOENIX-2740850 Datasheet
54Kb / 3P
Cover plate - I-L ATP GN
09/12/2020
2778521 PHOENIX-2778521 Datasheet
51Kb / 3P
Partition plate - ATP-UKK 3/5
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com