Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0164 Datasheet (PDF) - DFROBOT

SEN0164 Datasheet PDF - DFROBOT
Part # SEN0164
Download  SEN0164 Download
File Size   186.07 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Adjustable Infrared Sensor Switch SKU:SEN0164

SEN0164 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0164 Datasheet PDF - DFROBOT

Part # SEN0164
Download  SEN0164 Click to download

File Size   186.07 Kbytes
Page   3 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Adjustable Infrared Sensor Switch SKU:SEN0164

SEN0164 Datasheet (HTML) - DFROBOT


SEN0164 Product details

Specification
 Power supply: 5V
 Control Outout:100mA when supply 5V
 Circuit consume: <25mA
 Response time: <2ms
 Direction: ≤15°
 Range: 3~50cm adjustable for opacity and transparent objects
 Shell marterial:plastic
 A low voltage output will be given when a object is in its detecting scope
 When connect to MCU pins, you need to add an 1~10K Ohm resistor for pull-up
 Sharp: 30mm(length) x 20mm(wide) x 13mm(thickness) with a 45cm lead wire




Similar Part No. - SEN0164

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0160 DFROBOT-SEN0160 Datasheet
557Kb / 8P
Weight Sensor Module SKU:SEN0160 Contents
logo
List of Unclassifed Man...
SEN0161 ETC1-SEN0161 Datasheet
199Kb / 1P
PH composite electrode manual
logo
DFROBOT
SEN0161 DFROBOT-SEN0161 Datasheet
1Mb / 20P
PH meter(SKU: SEN0161)
SEN0161-V2 DFROBOT-SEN0161-V2 Datasheet
280Kb / 7P
Gravity: Analog pH Sensor/Meter Kit V2
9-11-18
SEN0162 DFROBOT-SEN0162 Datasheet
288Kb / 4P
UV sensor SKU: SEN0162
More results


Similar Description - SEN0164

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP337 ETC1-TP337 Datasheet
214Kb / 9P
Thermopile Infrared Sensor
OTC-239 ETC2-OTC-239 Datasheet
186Kb / 7P
THERMOPILE INFRARED SENSOR
OTC-238 ETC2-OTC-238 Datasheet
155Kb / 6P
THERMOPILE INFRARED SENSOR
OTC-236 ETC2-OTC-236 Datasheet
212Kb / 7P
THERMOPILE INFRARED SENSOR
TP297A ETC2-TP297A Datasheet
239Kb / 8P
THERMOPILE INFRARED SENSOR
logo
Asahi Kasei Microsystem...
IR1011 AKM-IR1011 Datasheet
176Kb / 6P
Photovoltaic Infrared Sensor
logo
Murata Manufacturing Co...
IRS-A201ST01-R1 MURATA-IRS-A201ST01-R1 Datasheet
448Kb / 20P
Pyroelectric infrared sensor
IRS-A330ST02-R1 MURATA-IRS-A330ST02-R1 Datasheet
441Kb / 20P
Pyroelectric infrared sensor
logo
Roithner LaserTechnik G...
TP339 ROITHNER-TP339 Datasheet
214Kb / 7P
Thermopile Infrared Sensor
logo
Zhengzhou Winsen Electr...
RD-623 WINSEN-RD-623 Datasheet
695Kb / 6P
Pyroelectric Infrared Sensor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com