Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0184 Datasheet (PDF) - DFROBOT

SEN0184 Datasheet PDF - DFROBOT
Part # SEN0184
Download  SEN0184 Download
File Size   112.13 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 5MP Night Vision Camera for Raspberry Pi

SEN0184 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0184 Datasheet PDF - DFROBOT

Part # SEN0184
Download  SEN0184 Click to download

File Size   112.13 Kbytes
Page   2 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description 5MP Night Vision Camera for Raspberry Pi

SEN0184 Datasheet (HTML) - DFROBOT


SEN0184 Product details

SPECIFICATION
 Camera: 5 million pixels
 Photosensitive Module: OV5647
 Camera Parameters:
 CCD size: 1/4 inches
 Aperture (f): 1.8
 Focal Length: 3.6MM (adjustable)
 Diagonal: 75.7 degrees
 Sensor best PIX: 1080p
 4 Screw Holes
 Can be used in a fixed position
 3.3V external power supplies
 Supports access to the infrared light or fill light
 Dimension: 25mm x 24mm (0.98" x 0.94")




Similar Part No. - SEN0184

ManufacturerPart #DatasheetDescription
logo
DFROBOT
SEN0185 DFROBOT-SEN0185 Datasheet
134Kb / 3P
Hall sensor SKU:SEN0185
SEN0187 DFROBOT-SEN0187 Datasheet
197Kb / 7P
SEN0187 RGB and Gesture Sensor
SEN0189 DFROBOT-SEN0189 Datasheet
137Kb / 4P
Turbidity sensor SKU: SEN0189
More results


Similar Description - SEN0184

ManufacturerPart #DatasheetDescription
logo
Electronic devices inc.
NVM-3X EDI-NVM-3X Datasheet
65Kb / 1P
NIGHT VISION MULTIPLIERS
NVM-4X EDI-NVM-4X Datasheet
73Kb / 1P
NIGHT VISION MULTIPLIERS
NVM-6X EDI-NVM-6X Datasheet
78Kb / 1P
NIGHT VISION MULTIPLIERS
logo
List of Unclassifed Man...
1731 ETC2-1731 Datasheet
82Kb / 1P
Flex Cable for Raspberry Pi Camera - 24 / 610mm
2144 ETC2-2144 Datasheet
62Kb / 1P
Flex Cable for Raspberry Pi Camera - 2 meters
logo
Harris Corporation
F5032 HARRIS-F5032 Datasheet
179Kb / 2P
LIGHTWEIGHT NIGHT VISION BINOCULAR
logo
SparkFun Electronics
KIT-16327 SPARKFUN-KIT-16327 Datasheet
151Kb / 2P
SparkFun Raspberry Pi Zero W Camera Kit
7??2??0
PRT-14272 SPARKFUN-PRT-14272 Datasheet
173Kb / 2P
Raspberry Pi Zero Camera Cable
7??1??7
logo
List of Unclassifed Man...
RASPBERRY-PI3-CASE ETC-RASPBERRY-PI3-CASE Datasheet
215Kb / 1P
Raspberry Pi Enclosure For the Raspberry Pi 3 Model B
THSER101 ETC-THSER101 Datasheet
1Mb / 8P
Cable Extension Kit for Raspberry Pi Camera
Rev. 1.10
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com