Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0192 Datasheet (PDF) - DFROBOT

SEN0192 Datasheet PDF - DFROBOT
Part # SEN0192
Download  SEN0192 Download
File Size   329.89 Kbytes
Page   8 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description MicroWave Sensor SKU: SEN0192

SEN0192 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0192 Datasheet PDF - DFROBOT

Part # SEN0192
Download  SEN0192 Click to download

File Size   329.89 Kbytes
Page   8 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description MicroWave Sensor SKU: SEN0192

SEN0192 Datasheet (HTML) - DFROBOT


SEN0192 Product details

Specification
 Working Voltage: 5V + 0.25V
 Working Current(CW): 60mA max., 37mA typical
 Size: 48.5x63mm
 Emission:
Detection Distance: 2-16M continuously adjustable
Emission Frequency: 10.525 GHz
Precision Frequency Setting: 3MHz
Output Power (Minimum): 13dBm EIRP
Harmonic Emission: < -10dBm
Average Current (5%DC): 2mA typ.
Pulse Width (Min.): 5uSec
Load Cycle (Min.): 1%
 Reception:
Sensitivity (10dB S/N ratio) 3Hz to 80Hz bandwidth: -86dBm
3Hz to 80Hz Bandwidth Clutter: 10uV
Antenna Gain: 8dBi
Vertical 3dB Beam Width: 36 degrees
Level 3dB Beam Width: 72 degrees




Similar Part No. - SEN0192

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN0192 ETC2-SEN0192 Datasheet
330Kb / 8P
Microwave Sensor
More results


Similar Description - SEN0192

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
KMY24 INFINEON-KMY24 Datasheet
54Kb / 4P
Microwave Motion Sensor
1999-04-01
KMY10 INFINEON-KMY10 Datasheet
113Kb / 4P
Microwave Motion Sensor
1999-04-01
logo
Telecommunication Elec...
TMS100 TELTRON-TMS100 Datasheet
883Kb / 2P
microwave motion sensor
TMS200 TELTRON-TMS200 Datasheet
850Kb / 2P
microwave motion sensor
TMS240 TELTRON-TMS240 Datasheet
883Kb / 2P
microwave motion sensor
TMS300 TELTRON-TMS300 Datasheet
785Kb / 2P
microwave motion sensor
TMS400 TELTRON-TMS400 Datasheet
885Kb / 2P
microwave motion sensor
TMSM200-100 TELTRON-TMSM200-100 Datasheet
700Kb / 2P
microwave motion sensor module
logo
List of Unclassifed Man...
SEN0192 ETC2-SEN0192 Datasheet
330Kb / 8P
Microwave Sensor
logo
DFROBOT
SEN0204 DFROBOT-SEN0204 Datasheet
382Kb / 5P
Non‐contact Liquid Level Sensor XKC‐Y25‐T12V SKU: SEN0204
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com