Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEN0211 Datasheet (PDF) - DFROBOT

SEN0211 Datasheet PDF - DFROBOT
Part # SEN0211
Download  SEN0211 Download
File Size   770.13 Kbytes
Page   7 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description SKU:SEN0211

SEN0211 Datasheet (PDF)

Go To PDF Page Download Datasheet
SEN0211 Datasheet PDF - DFROBOT

Part # SEN0211
Download  SEN0211 Click to download

File Size   770.13 Kbytes
Page   7 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description SKU:SEN0211

SEN0211 Datasheet (HTML) - DFROBOT


SEN0211 Product details

Specification
• AC Current Signal Conversion Module
o Input Voltage (VCC): 3.3V - 5.5V
o Interface: Gravity Analog (PH2.0-3P,analog voltage output 0.2-2.8VDC)
o AC Voltage Input Range: 0-1V (AC RMS)
o Relative Error: ±4%
o Dimension: 32 × 27 mm /1.26 × 1.06 in
o Weight: 5 g
• Open Type AC Transformer Probe
o AC Current Range: 0 - 5A (SEN0287), 0 - 10A(SEN0288), 0 - 20A(SEN0211)
o Signal Output (standard Φ3.5mm 3P plug): 0-1V AC voltage, linear corresponding range 0-5A, 0-10A, 0-20A
o Accuracy: ±1%
o Non-linearity: ≤±0.2%
o Frequency Range: 50Hz ~ 1kHz
o Cable Length: 1 m
o Working Temperature: -25 ℃ ~ +70 ℃
o Opening Size: 13 × 13 mm / 0.51 × 0.51 in
o Weight: 50 g




Similar Part No. - SEN0211

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SEN0211 ETC1-SEN0211 Datasheet
261Kb / 11P
Analog AC Current Sensor
More results





Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com