Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACR0301U Datasheet (PDF) - Abracon Corporation

ACR0301U Datasheet PDF - Abracon Corporation
Part # ACR0301U
Download  ACR0301U Download
File Size   2196.81 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 6.24 ~ 8.50 GHz UWB - Chip Antenna

ACR0301U Datasheet (PDF)

Go To PDF Page Download Datasheet
ACR0301U Datasheet PDF - Abracon Corporation

Part # ACR0301U
Download  ACR0301U Click to download

File Size   2196.81 Kbytes
Page   12 Pages
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation
Description 6.24 ~ 8.50 GHz UWB - Chip Antenna

ACR0301U Datasheet (HTML) - Abracon Corporation


ACR0301U Product details

Features
• Compact size
• UWB Bands in 6.24 GHz ~ 8.5 GHz
• Manufactured using LTCC technology
• High Gain of 4.5 dBi
• Omni-directional Pattern
• High Efficiency of 70 ~ 80 %
• Surface mount component

Applications
• UWB Applications
• IoT
• M2M
• Real time tracking
• Location based services
• Personal Area Networks (PAN)
• Short range, high speed data links for Medical and Commercial equipment




Similar Part No. - ACR0301U

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACR0301U-EVB ABRACON-ACR0301U-EVB Datasheet
414Kb / 3P
Evaluation Board - 6.24 ~ 8.50 GHz UWB - Chip Antenna
09-15-21
More results


Similar Description - ACR0301U

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
DCA-E03 MITSUMI-DCA-E03 Datasheet
44Kb / 2P
Small UWB Antenna
logo
Johanson Technology Inc...
3100AT51A7200 JOHANSON-3100AT51A7200 Datasheet
369Kb / 4P
Ultra Wide Band (UWB) Chip Antenna 3.1 -10.3 GHz
logo
Abracon Corporation
ACA-107-T ABRACON-ACA-107-T Datasheet
2Mb / 3P
UWB Chip Antenna 3200 ~ 7200MHz
10.07.14
logo
Johanson Technology Inc...
7000AT18A1600 JOHANSON-7000AT18A1600 Datasheet
510Kb / 5P
7GHz Mini UWB Antenna
logo
TDK Electronics
ANT1085-4R1-01A-ES4.5 TDK-ANT1085-4R1-01A-ES4.5 Datasheet
91Kb / 4P
LTCC CHIP ANTENNA FOR UWB
logo
Abracon Corporation
ACG0301U ABRACON-ACG0301U Datasheet
1Mb / 12P
UWB: 6.2 – 8.2 GHz Chip Antenna
09-23-22
ACG0502U ABRACON-ACG0502U Datasheet
917Kb / 11P
UWB: 3.7 – 4.2 GHz Chip Antenna
09-21-22
ACG0806U ABRACON-ACG0806U Datasheet
1Mb / 14P
UWB: 3.3 – 7.2 GHz Chip Antenna
09-23-22
ACR0301U-EVB ABRACON-ACR0301U-EVB Datasheet
414Kb / 3P
Evaluation Board - 6.24 ~ 8.50 GHz UWB - Chip Antenna
09-15-21
ACR1004U-EVB ABRACON-ACR1004U-EVB Datasheet
456Kb / 3P
Evaluation Board - UWB (3 GHZ ~ 6 GHZ) - CHIP ANTENNA
09-13-21
More results




About Abracon Corporation


Abracon Corporation is a global manufacturer of frequency control, signal conditioning, and magnetic components. The company was founded in 1992 and is headquartered in Austin, Texas. Abracon offers a wide range of products, including quartz crystals, MEMS oscillators, resonators, filters, and antennas. These components are used in a variety of applications, including telecommunications, automotive, industrial, consumer electronics, and Internet of Things (IoT) devices.

Abracon is known for its commitment to quality and innovation. The company has won numerous awards for its products and services, including Supplier of the Year awards from several major electronics manufacturers. Abracon's products are available through a global network of distributors and sales representatives. The company also offers custom design and engineering services to meet the specific needs of its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com