Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-1160 Datasheet (PDF) - TRINAMIC Motion Control GmbH & Co. KG.

PD-1160 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.
Part # PD-1160
Download  PD-1160 Download
File Size   1649.43 Kbytes
Page   34 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description Hardware Version V1.1 HARDWARE MANUAL

PD-1160 Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-1160 Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD-1160
Download  PD-1160 Click to download

File Size   1649.43 Kbytes
Page   34 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description Hardware Version V1.1 HARDWARE MANUAL

PD-1160 Datasheet (HTML) - TRINAMIC Motion Control GmbH & Co. KG.


PD-1160 Product details

1 Features
The PANdrive™ PD-1160 is a full mechatronic solution with state of the art feature set. It is highly integrated and offers a convenient handling. The PD-1160 includes a stepper motor, controller/driver electronics, and TRINAMICs sensOstep™ encoder. It can be used in many decentralized applications and has been designed for 0.55… 3.1Nm max. holding torque and 24 or 48 V DC nominal supply voltage. With its high energy efficiency from TRINAMIC’s coolStep technology cost for power consumption is kept down. The TMCL™ firmware allows for standalone operation and direct mode.
MAIN CHARACTERISTICS
Motion controller
Motion profile calculation in real-time
On the fly alteration of motor parameters (e.g. position, velocity, acceleration)
High performance microcontroller for overall system control and serial communication protocol handling
Bipolar stepper motor driver
Up to 256 microsteps per full step
High-efficient operation, low power dissipation
Dynamic current control
Integrated protection
stallGuard2 feature for stall detection
coolStep feature for reduced power consumption and heat dissipation
Encoder
sensOstep magnetic encoder (1024 increments per rotation) e.g. for step-loss detection under all operating conditions and positioning supervision
Interface for connection of external incremental a/b/n encoder
Interfaces
- RS485 interface
- CAN (2.0B up to 1Mbit/s) interface
- USB full speed (12Mbit/s) interface
- Step/Direction interface (optically isolated)
- 3 inputs for stop switches and home switch (+24V compatible) with programmable pull-up
- 2 general purpose inputs (+24V compatible) and 2 general purpose outputs (open collector)
- Incremental a/b/n encoder interface (TTL and open-collector signals supported directly)
Safety features
- Shutdown input – driver will be disabled in hardware as long as this pin is left open or shorted to ground
- Separate supply voltage inputs for driver and digital logic – driver supply voltage may be switched off externally while supply for digital logic and therefore digital logic remains active
Software
TMCL: standalone operation or remote controlled operation,
program memory (non volatile) for up to 2048 TMCL commands, and
PC-based application development software TMCL-IDE available for free.
- Ready for CANopen
Electrical and mechanical data
- Supply voltage: common supply voltages +12 V DC / +24 V DC / +48 V DC supported (+9 V… +51 V DC)
- Motor current: up to 2.8 A RMS (programmable)
0.55… 3.1Nm max. holding torque (depends on motor)
With NEMA23 (57mm motor flange size) or NEMA24 (60mm motor flange size) stepper motor




Similar Part No. - PD-1160

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-1160 TRINAMIC-PD-1160 Datasheet
424Kb / 1P
Stepper Motor with Controller
More results


Similar Description - PD-1160

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
Manual Gives a Hardware Description
logo
fujitsu semiconductor
MB90590 FUJITSU-MB90590 Datasheet
8Mb / 502P
16-BIT MICROCONTROLLER HARDWARE MANUAL
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
Hardware Manual
H83644 HITACHI-H83644 Datasheet
1Mb / 508P
H8/3644 Series Hardware Manual
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
Hardware Reference Manual
Rev. 0
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com