Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD-1070-CABLE Datasheet (PDF) - TRINAMIC Motion Control GmbH & Co. KG.

PD-1070-CABLE Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.
Part # PD-1070-CABLE
Download  PD-1070-CABLE Download
File Size   2597.05 Kbytes
Page   25 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD42-1070 Hardware Manual

PD-1070-CABLE Datasheet (PDF)

Go To PDF Page Download Datasheet
PD-1070-CABLE Datasheet PDF - TRINAMIC Motion Control GmbH & Co. KG.

Part # PD-1070-CABLE
Download  PD-1070-CABLE Click to download

File Size   2597.05 Kbytes
Page   25 Pages
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.
Description PD42-1070 Hardware Manual

PD-1070-CABLE Datasheet (HTML) - TRINAMIC Motion Control GmbH & Co. KG.


PD-1070-CABLE Product details

Features
• Supply Voltage +9 to +24V DC
• Step and direction interface
• microPlyer™ to 256 μ-steps
• stealthChop™ silent PWM mode
• spreadCycle™ smart mixed decay
• stallGuard2™ load detection
• coolStep™ autom. current scaling
• UART con1guration interface

1 Features
The PANdrive™ PD42-1070 is a full mechatronic solution with state of the art feature set. It is highly
integrated and offers a convenient handling.
The PD42-1070 includes a stepper motor and driver electronics. It can be used in many decentralized
applications and has been designed for 0.20...0.47 Nm max. holding torque and 24V DC nominal supply
voltage. With stealthChop™, the PD42-1070 offers absolutely silent and smooth motor operation for
lower and medium velocities. With spreadCycle™, the PD42-1070 offers a high performance current
controlled chopper mode for highest velocities with perfect zero crossing performance. With stallGuard2™,
a sensorless load detection feature is provided, which is required for using the automatic current scaling
feature coolStep™. The PD42-1070 can be used with a simple step and direction interface and can be
con1gured using a TTL UART interface.
stallGuard2 and coolStep must be con1gured via TTL UART interface and are disabled by default.
1.1 General Features
Main Characteristics
• Supply Voltage +9V to +24V DC
• 1.0A RMS phase current (ca. 1.4A peak phase current)
• Highest micro step resolution, up to 256 micro steps per full step
• microPlyer™ microstep interpolator for obtaining increased smoothness of microstepping over a low
frequency STEP/DIR interface
• With housing and motor mounted
• Permanent onboard parameter storage
• Simple step & direction mode
• Noiseless stealthChop™ chopper mode for slow to medium velocities
• High performance spreadCycle™ chopper mode
• High-precision sensorless load measurement with stallGuard2™
• Automatic current scaling algorithm coolStep™ to save energy and keep your drive cool
Optically Isolated Inputs
• Step & direction interface with up to 45kHz input frequency
• Enable input to power-on/-off driver H-bridges
• Mode select input to switch between the two chopper modes
TTL UART Interface
• TTL-level UART interface for parameter con1guration
• Interface speed 9600-115200 bps (default 9600 bps)
• TMCL-based protocol for online con1guration and permanent parameter settings
• Bootloader for 1rmware updates
Applications
• Lab-Automation
• Manufacturing
• Robotics
• Factory Automation
• CNC
• Laboratory Automation




Similar Part No. - PD-1070-CABLE

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
PD-1070 TRINAMIC-PD-1070 Datasheet
2Mb / 25P
Supply Voltage 9 to 24V DC
More results


Similar Description - PD-1070-CABLE

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD6475328CG HITACHI-HD6475328CG Datasheet
1Mb / 459P
Manual Gives a Hardware Description
logo
fujitsu semiconductor
MB90590 FUJITSU-MB90590 Datasheet
8Mb / 502P
16-BIT MICROCONTROLLER HARDWARE MANUAL
logo
Renesas Technology Corp
H8S2144 RENESAS-H8S2144 Datasheet
4Mb / 1140P
HARDWARE MANUAL
logo
Hitachi Semiconductor
SH7604 HITACHI-SH7604 Datasheet
2Mb / 633P
Hardware Manual
H83644 HITACHI-H83644 Datasheet
1Mb / 508P
H8/3644 Series Hardware Manual
HD6433937 HITACHI-HD6433937 Datasheet
1Mb / 521P
Hardware Manual
logo
Renesas Technology Corp
HD6473837H RENESAS-HD6473837H Datasheet
2Mb / 562P
Hardware Manual
logo
Analog Devices
ADF7030-1 AD-ADF7030-1 Datasheet
533Kb / 15P
Hardware Reference Manual
Rev. 0
logo
TRINAMIC Motion Control...
TMCS-20 TRINAMIC-TMCS-20 Datasheet
469Kb / 12P
Hardware Manual
TMCM-1240 TRINAMIC-TMCM-1240 Datasheet
2Mb / 28P
TMCM-1240 Hardware Manual
2020-MAY-05 V1.20
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com