Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1100 Datasheet (PDF) - Texas Instruments

AMC1100 Datasheet PDF - Texas Instruments
Part # AMC1100
Download  AMC1100 Download
File Size   1656.89 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1100 Fully-Differential Isolation Amplifier

AMC1100 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1100 Datasheet PDF - Texas Instruments

Part # AMC1100
Download  AMC1100 Click to download

File Size   1656.89 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1100 Fully-Differential Isolation Amplifier

AMC1100 Datasheet (HTML) - Texas Instruments


AMC1100 Product details

1 Features
1• ±250-mV input voltage range optimized for shunt
resistors
• Very low nonlinearity: 0.075% max at 5 V
• Low offset error: 1.5 mV max
• Low noise: 3.1 mVRMS typ
• Low high-side supply current:
8 mA max at 5 V
• Input bandwidth: 60 kHz min
• Fixed gain: 8 (0.5% Accuracy)
• High common-mode rejection ratio: 108 dB
• Low-side operation: 3.3 V
• Safety-related certifications:
– 4250-VPK basic isolation per
DIN VDE V 0884-11: 2017-01
– 3005-VRMS isolation for 1 minute per UL1577
– CAN/CSA no. 5A-component acceptance
service notice and DIN EN 61010-1 standard
– Working voltage: 1200 VPEAK
– Transient immunity: 2.5 kV/μs min
• Fully specified over the extended industrial
temperature range

2 Applications
Shunt resistor based current sensing in:
• Electricity meters
• String inverters
• Power measurement applications

3 Description
The AMC1100 is a precision isolation amplifier with
an output separated from the input circuitry by a
silicon dioxide (SiO2) barrier that is highly resistant to
magnetic interference. This barrier is certified to
provide galvanic isolation of up to 4250 VPEAK,
according to DIN VDE V 0884-11: 2017-01 and
UL1577. Used in conjunction with isolated power
supplies, this device prevents noise currents on a
high common-mode voltage line from entering the
local ground and interfering with or damaging
sensitive circuitry.
The AMC1100 input is optimized for direct connection
to shunt resistors or other low voltage level signal
sources. The excellent performance of the device
enables accurate current and voltage measurement
in energy-metering applications. The output signal
common-mode voltage is automatically adjusted to
either the 3-V or 5-V low-side supply.
The AMC1100 is fully specified over the extended
industrial temperature range of –40°C to +105°C and
is available in the SMD-type, wide-body SOIC-8
DWV) and gullwing-8 (DUB) packages.




Similar Part No. - AMC1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
Fully-Differential Isolation Amplifier for Energy Metering
AMC1100 TI-AMC1100 Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUB TI-AMC1100DUB Datasheet
675Kb / 22P
Fully-Differential Isolation Amplifier for Energy Metering
AMC1100DUB TI-AMC1100DUB Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1100DUBR TI-AMC1100DUBR Datasheet
675Kb / 22P
Fully-Differential Isolation Amplifier for Energy Metering
More results


Similar Description - AMC1100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
Fully-Differential Isolation Amplifier for Energy Metering
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
Fully Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
Fully Differential Isolation Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
Texas Instruments
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
Fully-Differential Isolation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com