Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1200B Datasheet (PDF) - Texas Instruments

AMC1200B Datasheet PDF - Texas Instruments
Part # AMC1200B
Download  AMC1200B Download
File Size   1461.25 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1200/B Fully-Differential Isolation Amplifier

AMC1200B Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1200B Datasheet PDF - Texas Instruments

Part # AMC1200B
Download  AMC1200B Click to download

File Size   1461.25 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1200/B Fully-Differential Isolation Amplifier

AMC1200B Datasheet (HTML) - Texas Instruments


AMC1200B Product details

1 Features
1• ±250-mV Input Voltage Range Optimized for
Shunt Resistors
• Very Low Nonlinearity: 0.075% Maximum at 5 V
• Low Offset Error: 1.5 mV Maximum
• Low Noise: 3.1 mVRMS Typical
• Low High-Side Supply Current:
8 mA Maximum at 5 V
• Input Bandwidth: 60 kHz Minimum
• Fixed Gain: 8 (0.5% accuracy)
• High Common Mode Rejection Ratio: 108 dB
• 3.3-V Operation on Low-Side
• Certified Galvanic Isolation:
– UL1577 and VDE V 0884-10 Approved
– Isolation Voltage: 4250 VPEAK (AMC1200B)
– Working Voltage: 1200 V PEAK
– Transient Immunity: 10 kV/μs Minimum
• Typical 10-Year Lifespan at Rated Working
Voltage (see Application Report SLLA197)
• Fully Specified Over the Extended Industrial
Temperature Range

2 Applications
• Shunt Resistor Based Current Sensing in:
– Motor Control
– Green Energy
– Frequency Inverters
– Uninterruptible Power Supplies

3 Description
The AMC1200 and AMC1200B are precision isolation
amplifiers with an output separated from the input
circuitry by a silicon dioxide (SiO2) barrier that is
highly resistant to magnetic interference. This barrier
has been certified to provide galvanic isolation of up
to 4250 VPEAK (AMC1200B) or 4000 VPEAK
(AMC1200) according to UL1577 and VDE V 0884- 10. Used in conjunction with isolated power supplies,
these devices prevent noise currents on a high
common mode voltage line from entering the local
ground and interfering with or damaging sensitive
circuitry.
The input of the AMC1200 or AMC1200B is optimized
for direct connection to shunt resistors or other low voltage level signal sources. The excellent
performance of the device supports accurate current
control resulting in system-level power saving and,
especially in motor-control applications, lower torque
ripple. The common mode voltage of the output
signal is automatically adjusted to either the 3-V or
5-V low-side supply.
The AMC1200 and AMC1200B are fully specified
over the extended industrial temperature range of
–40°C to 105°C and are available in a wide-body
SOIC-8 package (DWV) and a gullwing-8 package
(DUB).




Similar Part No. - AMC1200B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200B TI-AMC1200B Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200BDUB TI-AMC1200BDUB Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
Fully-Differential Isolation Amplifier
AMC1200BDUBR TI-AMC1200BDUBR Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200BDWV TI-AMC1200BDWV Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
More results


Similar Description - AMC1200B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1200_1108 TI-AMC1200_1108 Datasheet
511Kb / 23P
Fully-Differential Isolation Amplifier
AMC1100 TI-AMC1100 Datasheet
675Kb / 22P
Fully-Differential Isolation Amplifier for Energy Metering
AMC1200BDUBR TI1-AMC1200BDUBR Datasheet
903Kb / 24P
Fully-Differential Isolation Amplifier
AMC1200STDUBRQ1 TI1-AMC1200STDUBRQ1 Datasheet
901Kb / 23P
Fully Differential Isolation Amplifier
AMC1100 TI-AMC1100_15 Datasheet
1Mb / 33P
AMC1100 Fully-Differential Isolation Amplifier
AMC1200 TI-AMC1200_15 Datasheet
1Mb / 31P
AMC1200/B Fully-Differential Isolation Amplifier
AMC1200-Q1 TI-AMC1200-Q1_15 Datasheet
823Kb / 24P
Fully Differential Isolation Amplifier
logo
Linear Technology
LTC6363 LINER-LTC6363 Datasheet
452Kb / 8P
Fully Differential Amplifier
logo
Texas Instruments
AMC1200-Q1 TI1-AMC1200-Q1_16 Datasheet
1Mb / 30P
Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
Fully-Differential Isolation Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com