Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1300 Datasheet (PDF) - Texas Instruments

AMC1300 Datasheet PDF - Texas Instruments
Part # AMC1300
Download  AMC1300 Download
File Size   1751.9 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1300 Precision, ±250-mV Input, Reinforced Isolated Amplifier

AMC1300 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1300 Datasheet PDF - Texas Instruments

Part # AMC1300
Download  AMC1300 Click to download

File Size   1751.9 Kbytes
Page   38 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1300 Precision, ±250-mV Input, Reinforced Isolated Amplifier

AMC1300 Datasheet (HTML) - Texas Instruments


AMC1300 Product details

1 Features
• ±250-mV input voltage range optimized for current
measurement using shunt resistors
• Fixed gain: 8.2
• Low DC errors:
– AMC1300B:
• Offset error: ±0.2 mV (maximum)
• Offset drift: ±0.9 μV/°C (maximum)
• Gain error: ±0.3% (maximum)
• Gain drift: ±30 ppm/°C (maximum)
– AMC1300:
• Offset error: ±2 mV (maximum)
• Offset drift: ±4 μV/°C (maximum)
• Gain error: ±1% (maximum)
• Gain drift: ±50 ppm/°C (typical)
– Nonlinearity: 0.03% (maximum)
• 3.3-V operation on high-side (AMC1300B)
• High CMTI: 100 kV/μs (minimum) (AMC1300B)
• Low EMI, meets CISPR-11 and CISPR-25
standards
• System-level diagnostic features
• Safety-related certifications:
– 7071-VPK reinforced isolation per DIN VDE V
0884-11: 2017-01
– 5000-VRMS isolation for 1 minute per UL1577

2 Applications
• Shunt-resistor-based current sensing in:
– Motor drives
– Frequency inverters
– Uninterruptible power supplies

3 Description
The AMC1300 is a precision, isolated amplifier
with an output separated from the input circuitry
by an isolation barrier that is highly resistant to
magnetic interference. This barrier is certified to
provide reinforced galvanic isolation of up to 5 kVRMS
according to VDE V 0884-11 and UL1577. Used
in conjunction with isolated power supplies, this
isolated amplifier separates parts of the system that
operate on different common-mode voltage levels and
protects lower-voltage parts from damage.
The input of the AMC1300 is optimized for direct
connection to shunt resistors or other low voltagelevel
signal sources. The excellent performance of
the device supports accurate current control resulting
in system-level power savings and, especially in
motor control applications, lower torque ripple. The
integrated common-mode overvoltage and missing
high-side supply voltage detection features of
the AMC1300 simplify system-level design and
diagnostics.
The AMC1300 is offered with two performance
grade options: the AMC1300B is specified over the
extended industrial temperature range of –55°C to
+125°C, and the AMC1300 for operation at –40°C to
+125°C.




Similar Part No. - AMC1300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B TI1-AMC1300B Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWV TI1-AMC1300BDWV Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC1300BDWVR TI1-AMC1300BDWVR Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
More results


Similar Description - AMC1300

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com