Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC1301 Datasheet (PDF) - Texas Instruments

AMC1301 Datasheet PDF - Texas Instruments
Part # AMC1301
Download  AMC1301 Download
File Size   1693.86 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier

AMC1301 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC1301 Datasheet PDF - Texas Instruments

Part # AMC1301
Download  AMC1301 Click to download

File Size   1693.86 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC1301 Precision, ±250-mV Input, Reinforced Isolated Amplifier

AMC1301 Datasheet (HTML) - Texas Instruments


AMC1301 Product details

1 Features
• ±250-mV input voltage range optimized for current
measurements using shunt resistors
• Fixed gain: 8.2 V/V
• Low DC errors:
– Offset error: ±0.2 mV (max)
– Offset drift: ±3 μV/°C (max)
– Gain error: ±0.3% (max)
– Gain drift: ±50 ppm/°C (max)
– Nonlinearity: 0.03% (max)
• 3.3-V operation on high-side and low-side
• System-level diagnostic features
• Safety-related certifications:
– 7070-VPK reinforced isolation per DIN EN IEC
60747-17 (VDE 0884-17)
– 5000-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Shunt-resistor-based current sensing in:
– Motor drives
– Frequency inverters
– Uninterruptible power supplies

3 Description
The AMC1301 is a precision, isolated amplifier with
an output separated from the input circuitry by an
isolation barrier that is highly resistant to magnetic
interference. This barrier is certified to provide
reinforced isolation of up to 7070 VPEAK according
to the DIN EN IEC 60747-17 (VDE 0884-17) and
UL1577 standards, and supports a working voltage up
to 1 kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-side from voltage levels that can
cause electrical damage and are potentially harmful to
an operator.
The input of the AMC1301 is optimized for
direct connection to shunt resistors or other
low voltage-level signal sources. The excellent
DC accuracy and low temperature drift supports
accurate current control in onboard chargers (OBC),
DC/DC converters, frequency inverters, or other highvoltage
applications. The integrated common-mode
overvoltage and missing high-side supply voltage
detection features of the AMC1301 simplify systemlevel
design and diagnostics.
The AMC1301 is fully specified over the extended
industrial temperature range of –40°C to +125°C
and is available in a wide-body 8-pin SOIC (DWV)
package. The AMC1301S is specified over the
temperature range of –55°C to +125°C.




Similar Part No. - AMC1301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301 TI1-AMC1301 Datasheet
365Kb / 8P
Fully-Differential Isolation Amplifier
AMC1301 TI1-AMC1301 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301 TI1-AMC1301 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
More results


Similar Description - AMC1301

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC1301-Q1 TI1-AMC1301-Q1 Datasheet
1Mb / 34P
Precision, 250-mV Input, Delay, Reinforced Isolated Amplifier
AMC1301 TI1-AMC1301_18 Datasheet
1Mb / 35P
Precision, 250-mV Input, 3-us Delay, Reinforced Isolated Amplifier
AMC1300 TI1-AMC1300 Datasheet
1Mb / 35P
Precision, -250-mV Input, Reinforced Isolated Amplifier
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1300B-Q1 TI1-AMC1300B-Q1 Datasheet
1Mb / 32P
AMC1300B-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302 Datasheet
955Kb / 24P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1400-Q1 TI-AMC1400-Q1 Datasheet
1Mb / 35P
AMC1400-Q1 Automotive, Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
AMC1400 TI-AMC1400 Datasheet
1Mb / 38P
AMC1400 Precision, ±250-mV Input, Reinforced Isolated Amplifier in a 15-mm Stretched SOIC Package
JULY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com