Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC3306M05 Datasheet (PDF) - Texas Instruments

AMC3306M05 Datasheet PDF - Texas Instruments
Part # AMC3306M05
Download  AMC3306M05 Download
File Size   1654.5 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC3306M05 High-Precision, ±50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter

AMC3306M05 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC3306M05 Datasheet PDF - Texas Instruments

Part # AMC3306M05
Download  AMC3306M05 Click to download

File Size   1654.5 Kbytes
Page   40 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC3306M05 High-Precision, ±50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter

AMC3306M05 Datasheet (HTML) - Texas Instruments


AMC3306M05 Product details

1 Features
• 3.3-V or 5-V single supply with integrated DC/DC
converter
• ±50-mV input voltage range optimized for current
measurement using shunt resistors
• Low DC errors:
– Offset error: ±50 μV (max)
– Offset drift: ±0.4 μV/°C (max)
– Gain error: ±0.2% (max)
– Gain drift: ±35 ppm/°C (max)
• High CMTI: 75 kV/μs (min)
• System-level diagnostic features
• Low EMI: meets CISPR-11 and CISPR-25
standards
• Safety-related certifications:
– 6000-VPEAK reinforced isolation per DIN VDE V
0884-11
– 4250-VRMS isolation for 1 minute per UL1577
• Fully specified over the extended industrial
temperature range: –40°C to +125°C

2 Applications
• Compact, isolated shunt-based current sensing in:
– Protection relays
– Motor drives
– Power supplies
– Photovoltaic inverters

3 Description
The AMC3306M05 is a precision, isolated delta-sigma
(ΔΣ) modulator, optimized for shunt-based current
measurements. The fully integrated, isolated DC/DC
converter allows single-supply operation from the
low-side of the device which makes the device a
unique solution for space-constrained applications.
The reinforced capacitive isolation barrier is certified
according to VDE V 0884-11 and UL1577 and
supports a working voltage of up to 1.2 kVRMS.
The isolation barrier separates parts of the system
that operate on different common-mode voltage levels
and protects the low-voltage side from hazardous
voltages and damage.
The input of the AMC3306M05 is optimized for direct
connection to a low-impedance shunt resistor or other,
low-impedance voltage source with low signal levels.
The excellent DC accuracy and low temperature
drift supports accurate current measurments over the
extended industial temperature range from –40°C to
+125°C.
By using a digital filter (such as a sinc3 filter) to
decimate the bitstream, the device can achieve 16
bits of resolution with a dynamic range of 85 dB at a
data rate of 78 kSPS.




Similar Part No. - AMC3306M05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3306M05 TI1-AMC3306M05 Datasheet
1Mb / 35P
AMC3306M05-Q1 Automotive, Precision, ±50mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AUGUST 2024
AMC3306M05-Q1 TI1-AMC3306M05-Q1 Datasheet
1Mb / 35P
AMC3306M05-Q1 Automotive, Precision, ±50mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AUGUST 2024
AMC3306M05DWE TI-AMC3306M05DWE Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3306M05DWER TI-AMC3306M05DWER Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
More results


Similar Description - AMC3306M05

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC3301 TI1-AMC3301 Datasheet
592Kb / 23P
AMC3301 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M25 TI1-AMC3306M25 Datasheet
784Kb / 29P
AMC3306M25 High-Precision, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter and High CMTI
AMC3301-Q1 TI-AMC3301-Q1 Datasheet
1Mb / 37P
AMC3301-Q1 Precision, 짹250-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3302 TI-AMC3302_V01 Datasheet
956Kb / 25P
AMC3302 Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC3306M05 TI-AMC3306M05 Datasheet
2Mb / 39P
AMC3306M05 High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336-Q1 TI-AMC3336-Q1 Datasheet
2Mb / 40P
AMC3336-Q1 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3336 TI-AMC3336 Datasheet
2Mb / 41P
AMC3336 High-Precision, 짹1-V Input, Reinforced Isolated Delta-Sigma Modulator With Integrated DC/DC Converter
AMC3302-Q1 TI-AMC3302-Q1 Datasheet
2Mb / 37P
AMC3302-Q1 Automotive High-Precision, 짹50-mV Input, Reinforced Isolated Amplifier With Integrated DC/DC Converter
AMC1306M05-Q1 TI-AMC1306M05-Q1 Datasheet
2Mb / 36P
AMC1306M05-Q1 Automotive, High-Precision, 짹50-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
AMC1306M25-Q1 TI-AMC1306M25-Q1 Datasheet
2Mb / 36P
AMC1306M25-Q1 Automotive, High-Precision, 짹250-mV Input, Reinforced Isolated Delta-Sigma Modulator
FEBRUARY 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com