Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7832 Datasheet (PDF) - Texas Instruments

AMC7832 Datasheet PDF - Texas Instruments
Part # AMC7832
Download  AMC7832 Download
File Size   7306.87 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports

AMC7832 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7832 Datasheet PDF - Texas Instruments

Part # AMC7832
Download  AMC7832 Click to download

File Size   7306.87 Kbytes
Page   74 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports

AMC7832 Datasheet (HTML) - Texas Instruments


AMC7832 Product details

1 Features
1• Twelve Monotonic 12-Bit DACs
– Selectable Ranges: 0 to +5-V, 0 to +10-V and
-10 to 0-V
– High Current Drive Capability: up to ±15-mA
– Selectable Clamp Voltage
• One 12-Bit SAR ADC
– 17 External Analog Inputs
– 12 Bipolar Inputs: -12.5-V to +12.5-V
Range
– 5 High Precision Inputs: 0 to +5-V Range
– Programmable Out-of-Range Alarms
• Internal +2.5-V Reference in•
Internal Temperature Sensor
– -40°C to +125°C Operation
– ±2.5°C Accuracy
• Eight General Purpose I/O Ports (GPIOs)
• Low Power SPI Compatible Serial Interface
– 4-Wire Mode, +1.8-V to +5.5-V Operation
• Operating Temperature Range: -40°C to +125°C
• Available in 64-Terminal HTQFP PowerPAD
Package

2 Applications
• Communications Infrastructure:
– Cellular Base Stations
– Microwave Backhaul
– Optical Networks
• General Purpose Monitor & Control
• Data Acquisition Systems

3 Description
The AMC7832 is a highly integrated, low-power,
analog monitoring and control solution that includes a 17-channel, 12-bit analog-to-digital converter (ADC)
with programmable alarms, twelve 12-bit digital-to-
analog converters (DACs) with output ranges of either
0 to +5-V, 0 to +10-V or -10 to 0-V, eight GPIOs,
internal reference and a local temperature sensor channel. The AMC7832 high level of integration
significantly reduces component count and simplifies
closed-loop system designs.
The AMC7832 is ideal for multichannel applications
where board space, size, and low power are critical.
The AMC7832’s low power, high-integration and wide
operating temperature range make it an ideal all-in•
one, low-cost, bias control circuit for the power amplifiers (PA) found in multi-channel RF
communication systems. The flexible DAC output
ranges allow the device to be used as a biasing
solution for a large variety of transistor technologies
such as LDMOS, GaAs and GaN. The AMC7832
feature set is similarly beneficial in general purpose
monitor and control systems.
For applications that require a different channel
count, additional features, or converter resolutions,
Texas Instruments offers a complete family of Analog
Monitor and Control (AMC) products. Visit
http://www.ti.com/amc for more information.




Similar Part No. - AMC7832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832IPAP TI1-AMC7832IPAP Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832IPAPR TI1-AMC7832IPAPR Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
More results


Similar Description - AMC7832

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7812 TI1-AMC7812 Datasheet
2Mb / 90P
12-Bit ANALOG MONITORING AND CONTROL SOLUTION with Multichannel ADC, DACs, and Temperature Sensors
AMC7891 TI1-AMC7891 Datasheet
934Kb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7891 TI1-AMC7891_14 Datasheet
1Mb / 42P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7891 TI-AMC7891_15 Datasheet
1Mb / 41P
Analog Monitor and Control Circuit with 10-Bit, Multi-Channel ADC and Four DACs, Temperature Sensor, and 12 GPIOs
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com