Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC7924 Datasheet (PDF) - Texas Instruments

AMC7924 Datasheet PDF - Texas Instruments
Part # AMC7924
Download  AMC7924 Download
File Size   1288.42 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports

AMC7924 Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC7924 Datasheet PDF - Texas Instruments

Part # AMC7924
Download  AMC7924 Click to download

File Size   1288.42 Kbytes
Page   11 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports

AMC7924 Datasheet (HTML) - Texas Instruments


AMC7924 Product details

1 Features
• 24 monotonic 12-bit DACs
– Programmable ranges: –10 V to 0 V,
–5 V to 0 V, 0 V to 5 V, and 0 V to 10 V
– High current drive capability
– Autorange detector
• 24 inputs, 12-bit SAR ADC
– High sample rate: 250 kSPS
– Input ranges: 0 V to 5 V and 0 V to 2.5 V
– Programmable out-of-range alarms
• 6 FlexIO pins; ADC and GPIO configurable
• Built-in sequencing features
• Internal 2.5-V reference
• Internal temperature sensor
– Accuracy: ±2.5°C, maximum
– Resolution: 0.0625°C
• 4-wire, SPI-compatible interface
– 1.65-V to 5.5-V operation
• Specified temperature range: –40°C to +125°C
• Operating temperature range: –40°C to +150°C

2 Applications
• Active antenna system mMIMO (AAS)
• Macro remote radio unit (RRU)
• Radar
• Data acquisition (DAQ)

3 Description
The AMC7924 is a highly integrated analog monitor
and control device designed for high-density, generalpurpose
monitor and control systems. The AMC7924
includes 24 12-bit digital-to-analog converters (DACs)
with programmable output ranges. The device
also incorporates a multiplexed, 12-bit analog-todigital
converter (ADC) with programmable threshold
detectors, a temperature sensor, and an internal
reference. The AMC7924 high level of integration
significantly reduces component count and simplifies
closed-loop system designs, thus making the device a
great choice for high-density applications where board
space is critical.
The device includes 24 dedicated ADC inputs and
six flexible input/output (FlexIO) pins that can be
configured as either additional analog inputs to the
ADC or as GPIOs. Communication to the device is
performed through a 4-wire, SPI-compatible interface.
The AMC7924 high-integration and wide operating
temperature range make the device an excellent
choice as an all-in-one bias-control circuit for the
power amplifiers (PA) found in multichannel RF
communication systems. The flexible DAC output
ranges and built-in sequencing features allow the
device to be used as a biasing controller for a large
variety of transistor technologies, such as LDMOS,
GaAs, and GaN. The AMC7924 feature set is similarly
beneficial in general-purpose monitor and control
systems.




Similar Part No. - AMC7924

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7924PAPR TI-AMC7924PAPR Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
AMC7924PAPT TI-AMC7924PAPT Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
More results


Similar Description - AMC7924

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1340 MAXIM-MAX1340 Datasheet
388Kb / 39P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX1220 MAXIM-MAX1220_10 Datasheet
554Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 6; 1/10
MAX1221 MAXIM-MAX1221 Datasheet
558Kb / 44P
12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 1; 12/07
MAX1220 MAXIM-MAX1220_12 Datasheet
567Kb / 43P
12-Bit, Multichannel ADCs/DACs with FIFO,Temperature Sensing, and GPIO Ports
Rev 7; 2/12
logo
Texas Instruments
AMC7832 TI1-AMC7832 Datasheet
6Mb / 70P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7832 TI-AMC7832_15 Datasheet
6Mb / 72P
AMC7832 12-Bit Analog Monitor and Control Solution with Multi-Channel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
AMC7836 TI-AMC7836_15 Datasheet
3Mb / 87P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7836 TI1-AMC7836 Datasheet
3Mb / 88P
AMC7836 High-Density, 12-Bit Analog Monitor and Control Solution With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
AMC7932 TI-AMC7932 Datasheet
746Kb / 9P
AMC7932 32-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor and GPIO Ports
NOVEMBER 2021
AMC7924 TI-AMC7924 Datasheet
1Mb / 11P
AMC7924 24-Channel, 12-Bit Analog Monitor and Controller With Multichannel ADC, Bipolar DACs, Temperature Sensor, and GPIO Ports
NOVEMBER 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com