Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ2060A Datasheet (PDF) - Texas Instruments

BQ2060A Datasheet PDF - Texas Instruments
Part # BQ2060A
Download  BQ2060A Download
File Size   663.69 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS v1.1-Compliant Gas Gauge IC

BQ2060A Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ2060A Datasheet PDF - Texas Instruments

Part # BQ2060A
Download  BQ2060A Click to download

File Size   663.69 Kbytes
Page   61 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description SBS v1.1-Compliant Gas Gauge IC

BQ2060A Datasheet (HTML) - Texas Instruments


BQ2060A Product details

1FEATURES
• Provides Accurate Measurement of Available
Charge in NiCd, NiMH, Li-Ion, and Lead-Acid
Batteries
• Supports SBS Smart Battery Data
Specification v1.1
• Supports the 2-Wire SMBus v1.1 Interface With
PEC or 1-Wire HDQ16
• Reports Individual Cell Voltages
• Monitors and Provides Control to Charge and
Discharge FETs in Li-Ion Protection Circuit
• Provides 15-Bit Resolution for Voltage,
Temperature, and Current Measurements
• Measures Charge Flow Using a V-to-F
Converter With Offset of Less Than 16 μV After
Calibration
• Consumes Less Than 0.5 mW Operating
• Drives a 4- or 5-Segment LED Display for
Remaining Capacity Indication
• 28-Pin 150-Mil (3,8-mm) SSOP

DESCRIPTION
The bq2060A SBS-compliant gas gauge IC for
battery pack or in-system installation maintains an
accurate record of available charge in rechargeable batteries. The bq2060A monitors capacity and other
critical battery parameters for NiCd, NiMH, Li-ion, and
lead-acid chemistries. The bq2060A uses a
voltage-to-frequency converter with automatic offset
error correction for charge and discharge counting.
For voltage, temperature, and current reporting, the
bq2060A uses an A-to-D converter. The onboard
ADC also monitors individual cell voltages in a Li-ion
battery pack and allows the bq2060A to generate
control signals that may be used with a pack
supervisor to enhance pack safety.
The bq2060A supports the smart battery data
(SBData) commands and charge-control functions. It
communicates data using the system management
bus (SMBus) 2-wire protocol or the Benchmarq 1-wire
HDQ16 protocol. The data available include the
remaining battery capacity, temperature, voltage,
current, and remaining run-time predictions. The
bq2060A provides LED drivers and a pushbutton
input to depict remaining battery capacity from full to
empty in 20% or 25% increments with a 4- or
5-segment display.
The bq2060A works with an external EEPROM. The
EEPROM stores the configuration information for the
bq2060A, such as battery chemistry, self-discharge
rate, rate compensation factors, measurement
calibration, and design voltage and capacity. The
bq2060A uses the programmable self-discharge rate and other compensation factors stored in the
EEPROM to accurately adjust remaining capacity for
use and standby conditions based on time, rate, and
temperature. The bq2060A also automatically
calibrates or learns the true battery capacity in the
course of a discharge cycle from near-full to
near-empty levels.
The REG output regulates the operating voltage for
the bq2060A from the battery cell stack using an
external JFET.




Similar Part No. - BQ2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI1-BQ2060A Datasheet
1Mb / 61P
SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI2-BQ2060A Datasheet
663Kb / 61P
SBS v1.1-Compliant Gas Gauge IC
REVISED OCTOBER 2011
BQ2060A-E619DBQ TI1-BQ2060A-E619DBQ Datasheet
1Mb / 61P
SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQ TI2-BQ2060A-E619DBQ Datasheet
663Kb / 61P
SBS v1.1-Compliant Gas Gauge IC
REVISED OCTOBER 2011
More results


Similar Description - BQ2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
SBS v1.1-Compliant Gas Gauge IC
BQ2060A TI-BQ2060A Datasheet
722Kb / 46P
SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V140 TI-BQ2084-V140 Datasheet
1Mb / 68P
SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com