Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24072 Datasheet (PDF) - Texas Instruments

BQ24072 Datasheet PDF - Texas Instruments
Part # BQ24072
Download  BQ24072 Download
File Size   3608.93 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2407x Standalone 1-Cell 1.5-A Linear Battery Chargers with Power Path

BQ24072 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24072 Datasheet PDF - Texas Instruments

Part # BQ24072
Download  BQ24072 Click to download

File Size   3608.93 Kbytes
Page   53 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ2407x Standalone 1-Cell 1.5-A Linear Battery Chargers with Power Path

BQ24072 Datasheet (HTML) - Texas Instruments


BQ24072 Product details

1 Features
• Fully compliant USB charger
– Selectable 100-mA and 500-mA maximum
input current
– 100-mA Maximum current limit ensures
compliance to USB-IF standard
– Input-based dynamic power management (VINDPM)
for protection against poor USB sources
• Functional Safety-Capable (BQ24074)
– Documentation available to aid functional safety
system design
• 28-V Input rating with overvoltage protection
• Integrated dynamic power path management
(DPPM) function simultaneously and
independently powers the system and charges the
battery
• Supports up to 1.5-A charge current with current
monitoring output (ISET)
• Programmable input current limit up to 1.5 A for
wall adapters
• System output tracks battery voltage (BQ24072)
• Programmable termination current (BQ24074)
• Battery disconnect function with SYSOFF input
(BQ24075, BQ24079)
• Programmable pre-charge and fast-charge safety
timers
• Reverse current, short-circuit and thermal
protection
• NTC thermistor input
• Proprietary start-up sequence limits inrush current
• Status indication – charging/done, power good
• Safety-Related Certification:
– IEC 62368-1 Certification (BQ24072)

2 Applications
• TWS Charging case and headphones
• Gaming accessory
• Video doorbells, IP network cameras
• Asset tracking and fleet management
• Portable medical devices

3 Description
The BQ2407x series of devices are integrated
Li-Ion linear chargers and system power path
management devices targeted at space-limited
portable applications. The devices operate from either
a USB port or an AC adapter and support charge
currents up to 1.5 A. The input voltage range with
input overvoltage protection supports unregulated
adapters. The USB input current limit accuracy and
start up sequence allow the BQ2407x to meet USBIF
USBIF
inrush current specifications. Additionally, the input
dynamic power management (VIN-DPM) prevents the
charger from crashing incorrectly configured USB
sources.
The BQ2407x features dynamic power path
management (DPPM) that powers the system
while simultaneously and independently charging the
battery. The DPPM circuit reduces the charge current
when the input current limit causes the system output
to fall to the DPPM threshold; thus, supplying the
system load at all times while monitoring the charge
current separately. This feature reduces the number
of charge and discharge cycles on the battery, allows
for proper charge termination and enables the system
to run with a defective or absent battery pack.




Similar Part No. - BQ24072

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24072 TI-BQ24072 Datasheet
1Mb / 31P
1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 38P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
bq24072 TI-bq24072 Datasheet
2Mb / 39P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072 TI-BQ24072 Datasheet
2Mb / 42P
1.5A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
BQ24072RGTR TI-BQ24072RGTR Datasheet
1Mb / 31P
1.2A USB-FRIENDLY Li-Ion BATTERY CHARGER AND POWER-PATH MANAGEMENT IC
More results


Similar Description - BQ24072

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB10803 UTC-UB10803 Datasheet
244Kb / 10P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
UB6054A UTC-UB6054A_15 Datasheet
288Kb / 13P
ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
logo
Texas Instruments
BQ24076 TI1-BQ24076 Datasheet
2Mb / 43P
1.5-A High Battery Voltage Li-Ion Battery Chargers with Power-Path Management IC
BQ25616 TI1-BQ25616 Datasheet
2Mb / 48P
BQ25616/616J Standalone 1-Cell 3.0-A Buck Battery Charger with Power Path and 1.2-A
BQ25618E TI-BQ25618E Datasheet
2Mb / 64P
BQ25618E, BQ25619E I2C Controlled 1-Cell 1.5-A Battery Chargers with 20-mA Termination Current
BQ25180 TI-BQ25180 Datasheet
707Kb / 11P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
SLUSEM2 ??SEPTEMBER 2021
BQ25180 TI-BQ25180_V01 Datasheet
1Mb / 51P
BQ25180 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
DECEMBER 2021
BQ25181 TI-BQ25181 Datasheet
1Mb / 43P
BQ25181 I2C Controlled, 1-Cell, 1-A Linear Battery Charger with Power Path and Ship Mode
APRIL 2022
BQ21080 TI-BQ21080 Datasheet
1Mb / 53P
BQ21080 I2C Controlled, 1-Cell, 0.8-A Linear Battery Charger with Power Path and Ship Mode
JANUARY 2023
BQ25185 TI-BQ25185 Datasheet
1Mb / 32P
BQ25185 1-Cell, 1-A Standalone Linear Battery Charger with Power Path, Factory Mode, and Battery Tracking VINDPM
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com