Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24165 Datasheet (PDF) - Texas Instruments

BQ24165 Datasheet PDF - Texas Instruments
Part # BQ24165
Download  BQ24165 Download
File Size   3213.29 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management

BQ24165 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24165 Datasheet PDF - Texas Instruments

Part # BQ24165
Download  BQ24165 Click to download

File Size   3213.29 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management

BQ24165 Datasheet (HTML) - Texas Instruments


BQ24165 Product details

1FEATURES
• High-Efficiency Switch Mode Charger with
Separate Power Path Control
– Make a GSM Call with a Deeply Discharged
Battery or No Battery
– Instantly Startup System from a Deeply
Discharged Battery or No Battery
• Dual Input Charger
– 20V Input Rating, With Over-Voltage
Protection (OVP)
– 6.5V for USB Input
– 10.5V for IN Input
– Integrated FETs for Up to 2.5A Charge Rate
– Up to 2.5A from IN Input
– Up to 1.5A from USB Input
• Highly Integrated Battery N-Channel MOSFET
Controller for Power Path Management
• Safe and Accurate Battery Management
Functions
– 0.5% Battery Regulation Accuracy
– 10% Charge Current Accuracy
• Adjustable Charge Current, Input Current
Limit, and VINDPM Threshold (for IN input)
• Easy JEITA Implementation
– Charge Parameter Selector Inputs (CE1,
CE2) for (bq24165)
• Voltage-based, NTC Monitoring Input (TS)
– Standard Temperature Range (bq24166)
– JEITA Compatible (bq24167)
• Thermal Regulation Protection for Output
Current Control
• Low Battery Leakage Current, BAT Short-
Circuit Protection
• Soft-Start Feature to Reduce Inrush Current
• Thermal Shutdown and Protection
• Available in Small 2.8mm x 2.8mm 49-ball
WCSP or 4mm x 4mm QFN-24 Packages

APPLICATIONS
• Handheld Products
• Portable Media Players
• Portable Equipment
• Netbook and Portable Internet Devices

DESCRIPTION
The bq24165, bq24166 and bq24167 are highly
integrated single cell Li-Ion battery charger and
system power path management devices targeted for
space-limited, portable applications with high capacity
batteries. The single cell charger has dual inputs
which allow operation from either a USB port or
higher power input supply (i.e., AC adapter or
wireless charging input) for a versatile solution. The two inputs are fully isolated from each other and are
managed by the bq24165/166/167 with the IN input
having precedence.




Similar Part No. - BQ24165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24165 TI1-BQ24165 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24165RGER TI-BQ24165RGER Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24165RGET TI-BQ24165RGET Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24165YFFR TI-BQ24165YFFR Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
More results


Similar Description - BQ24165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24165 TI-BQ24165 Datasheet
1Mb / 35P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path
BQ24160 TI-BQ24160 Datasheet
1Mb / 44P
2.5A, Dual-Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24250 TI-BQ24250 Datasheet
2Mb / 49P
2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24165 TI1-BQ24165_14 Datasheet
2Mb / 38P
2.5A, Dual-Input, Single Cell Switch Mode Li-Ion Battery Charger with Power Path Management
BQ24160A TI-BQ24160A_15 Datasheet
2Mb / 52P
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24161B TI-BQ24161B_15 Datasheet
2Mb / 52P
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
BQ24250C TI-BQ24250C_15 Datasheet
2Mb / 46P
bq24250C 2A Single Input I2C, Standalone Switch-Mode Li-Ion Battery Charger with Power-Path Management
BQ24160 TI-BQ24160_V01 Datasheet
3Mb / 53P
bq2416xx 2.5A, Dual-Input, Single-Cell Switched-Mode Li-Ion Battery Charger with Power Path Management and I2C Interface
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com