Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24170 Datasheet (PDF) - Texas Instruments

BQ24170 Datasheet PDF - Texas Instruments
Part # BQ24170
Download  BQ24170 Download
File Size   3314.45 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2417x 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger With Integrated MOSFETs and Power Path Selector

BQ24170 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24170 Datasheet PDF - Texas Instruments

Part # BQ24170
Download  BQ24170 Click to download

File Size   3314.45 Kbytes
Page   42 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2417x 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger With Integrated MOSFETs and Power Path Selector

BQ24170 Datasheet (HTML) - Texas Instruments


BQ24170 Product details

1 Features
1• 1.6-MHz Synchronous Switched-Mode Charger
with 4-A Integrated N-MOSFETs
• Up to 94% Efficiency
• 30-V Input Rating with Adjustable Overvoltage Protection
– 4.5-V to 17-V Input Operating Voltage Range
• Battery Charge Voltage
– bq24170: 1-, 2-, or 3-Cell with 4.2 V/Cell
– bq24172: Adjustable Charge Voltage
• High Integration
– Automatic Power Path Selector Between
Adapter and Battery
– Dynamic Power Management
– Integrated 20-V Switching MOSFETs
– Integrated Bootstrap Diode
– Internal Digital Soft Start
• Safety
– Thermal Regulation Loop Throttles Back
Current to Limit TJ = 120°C
– Thermal Shutdown
– Battery Thermistor Sense Hot/Cold Charge
Suspend and Battery Detect
– Adjustable Input Overvoltage Protection
– Cycle-by-Cycle Current Limit
• Accuracy
– ±0.5% Charge Voltage Regulation
– ±4% Charge Current Regulation
– ±4% Input Current Regulation
• <15-μA Battery Current With Adapter Removed
• <1.5-mA Input Current With Adapter Present and
Charge Disabled

2 Applications
• Tablet PCs
• Portable Data Capture Terminals
• Portable Printers
• Medical Diagnostics Equipment
• Battery Bay Chargers
• Battery Backup Systems

3 Description
The bq2417x device is a highly integrated stand-
alone Li-Ion and Li-Polymer switched-mode battery
charger with two integrated N-channel power
MOSFETs. The device offers a constant-frequency
synchronous PWM controller with high-accuracy regulation of input current, charge current, and
voltage. The bq2417x closely monitors the battery
pack temperature to allow charge only in a preset
temperature window. The bq24170 charges one, two,
or three cells (selected by CELL pin), and the bq24172 is adjustable for up to three series Li+ cells.




Similar Part No. - BQ24170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170RGYR TI1-BQ24170RGYR Datasheet
2Mb / 40P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
More results


Similar Description - BQ24170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24133 TI-BQ24133_15 Datasheet
2Mb / 40P
bq24133 1.6-MHz Synchronous Switched-Mode Li-Ion and Li-Polymer Stand-Alone BatteryCharger With Integrated MOSFETs and Power Path Selector
BQ24171 TI-BQ24171_15 Datasheet
2Mb / 39P
bq24171 JEITA-Compliant Stand-Alone, Switched-Mode Li-Ion and Li-Polymer Battery Charger With Integrated MOSFETs and Power Path Selector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com