Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24196 Datasheet (PDF) - Texas Instruments

BQ24196 Datasheet PDF - Texas Instruments
Part # BQ24196
Download  BQ24196 Download
File Size   3467.94 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG

BQ24196 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24196 Datasheet PDF - Texas Instruments

Part # BQ24196
Download  BQ24196 Click to download

File Size   3467.94 Kbytes
Page   51 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG

BQ24196 Datasheet (HTML) - Texas Instruments


BQ24196 Product details

1 Features
• High Efficiency 2.5-A Switch Mode Charger
– 92% Charge Efficiency at 2 A
• Highest Battery Discharge Efficiency with 12-mΩ
Battery Discharge MOSFET up to 9-A Discharge
Current
• Single Input USB-compliant/Adapter Charger
– Input Voltage and Current Limit Supports
USB2.0 and USB3.0
– Input Current Limit: 100 mA, 150 mA, 500 mA,
900 mA, 1.2 A, 1.5 A, 2 A and 3 A
• 3.9-V to 17-V Input Operating Voltage Range
– Support All Kinds of Adapter with Input Voltage
DPM Regulation
• USB OTG 5 V at 1.3-A Synchronous Boost
Converter Operation
– 93% 5-V Boost Efficiency at 1 A
• Narrow VDC (NVDC) Power Path Management
– Instant-on Works with No Battery or Deeply
Discharged Battery
– Ideal Diode Operation in Battery Supplement
Mode Li•
1.5-MHz Switching Frequency for Low Profile
Inductor
• Autonomous Battery Charging with or without
Host Management
– Battery Charge Enable
– Battery Charge Preconditioning
– Charge Termination and Recharge
• High Accuracy (0°C to 125°C)
– ±0.5% Charge Voltage Regulation
– ±7% Charge Current Regulation
– ±7.5% Input Current Regulation
– ±2% Output Regulation in Boost Mode
• High Integration
– Power Path Management
– Synchronous Switching MOSFETs
– Integrated Current Sensing
– Bootstrap Diode
– Internal Loop Compensation
• Safety
– Battery Temperature Sensing and Charging
Safety Timer
– Thermal Regulation and Thermal Shutdown
– Input System Over-Voltage Protection
– MOSFET Over-Current Protection
• Charge Status Outputs for LED or Host Processor
• Low Battery Leakage Current and Support
Shipping Mode
• 4.00 mm x 4.00 mm VQFN-24 Package

2 Applications
• Tablet PC and Smart Phone
• Portable Audio Speaker
• Portable Media Players
• Internet Devices

3 Description
The bq24196 is highly-integrated switch-mode battery
charge management and system power path
management devices for single cell Li-Ion and Li•
polymer battery in a wide range of tablet and other
portable devices.




Similar Part No. - BQ24196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
bq24196RGER TI1-bq24196RGER Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196RGER TI1-BQ24196RGER Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
bq24196RGET TI1-bq24196RGET Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
More results


Similar Description - BQ24196

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24192 TI-BQ24192_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI-BQ24193_15 Datasheet
2Mb / 49P
bq24193 I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI-BQ24196_15 Datasheet
2Mb / 50P
bq24196 I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com