Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24195LRGET Datasheet (PDF) - Texas Instruments

BQ24195LRGET Datasheet PDF - Texas Instruments
Part # BQ24195LRGET
Download  BQ24195LRGET Download
File Size   3295.46 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24195 I2C Controlled 2.5-A /4.5-A Single Cell USB/Adapter Charger with 5.1 V at 1 A /5.1 V at 2.1 A Synchronous Boost Operation

BQ24195LRGET Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24195LRGET Datasheet PDF - Texas Instruments

Part # BQ24195LRGET
Download  BQ24195LRGET Click to download

File Size   3295.46 Kbytes
Page   50 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24195 I2C Controlled 2.5-A /4.5-A Single Cell USB/Adapter Charger with 5.1 V at 1 A /5.1 V at 2.1 A Synchronous Boost Operation

BQ24195LRGET Datasheet (HTML) - Texas Instruments


BQ24195LRGET Product details

1 Features
• High Efficiency Switch Mode Charger
– 2.5-A (bq24195L) or 4.5-A (bq24195) Fast
Charging
– 92% Charge Efficiency at 2 A, 90% at 4 A
• Synchronous Boost Converter in Battery Boost
Mode
– 5.1 V at 1 A (bq24195L) or 5.1 V at 2.1 A
(bq24195)
– 94% 5.1-V Boost Efficiency at 1 A,
91% at 2.1 A
• Highest Battery Discharge Efficiency with 12-mΩ
Battery Discharge MOSFET up to 9-A Discharge
Current
• Single Input USB-compliant/Adapter Charger
– USB Host or Charging Port D+/D- Detection
Compatible to USB Battery Charger Spec 1.2
– Input Voltage and Current Limit Supports
USB2.0 and USB3.0
– Input Current Limit: 100 mA, 150 mA, 500 mA,
900 mA, 1.2 A, 1.5 A, 2 A and 3 A
• 3.9-V to 17-V Input Operating Voltage Range
– Support All Kinds of Adapter with Input Voltage DPM Regulation
• Narrow VDC (NVDC) Power Path Management
– Instant-on Works with No Battery or Deeply
Discharged Battery
– Ideal Diode Operation in Battery Supplement
Mode
• 1.5-MHz Switching Frequency for Low Profile
Inductor
• Autonomous Battery Charging with or without
Host Management
– Battery Charge Enable
– Battery Charge Preconditioning
– Charge Termination and Recharge
• High Accuracy (0°C to 125°C)
– ±0.5% Charge Voltage Regulation
– ±7% Charge Current Regulation
– ±7.5% Input Current Regulation
– ±2% Output Regulation in Boost Mode
• High Integration
– Power Path Management
– Synchronous Switching MOSFETs
– Integrated Current Sensing
– Bootstrap Diode
– Internal Loop Compensation
• Safety
– Battery Temperature Sensing and Charging
Safety Timer
– Thermal Regulation and Thermal Shutdown
– Input System Over-Voltage Protection
– MOSFET Over-Current Protection
• Charge Status Outputs for LED or Host Processor
• Low Battery Leakage Current and Support
Shipping Mode
• 4.00 mm x 4.00 mm QFN-24 Package

2 Applications
• Power Bank for Smartphone, Tablet
• Tablet PC and Smart Phone
• Portable Audio Speaker
• Portable Media Players
• Internet Devices

3 Description
The bq24195L, bq24195 are highly-integrated switch- mode battery charge management and system power
path management devices for single cell Li-Ion and
Li-polymer battery in a wide range of power bank,
tablet and other portable devices.




Similar Part No. - BQ24195LRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24195LRGET TI-bq24195LRGET Datasheet
2Mb / 41P
I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
More results


Similar Description - BQ24195LRGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24195 TI-BQ24195 Datasheet
2Mb / 41P
I2C Controlled 2.5A / 4.5A Single Cell USB/Adapter Charger With 5.1V at 1A / 5.1V at 2.1A Synchronous Boost Operation
BQ24295RGER TI-BQ24295RGER Datasheet
1Mb / 45P
I2C Controlled 3A Single Cell USB Charger With Narrow VDC 4.5-5.5V Adjustable Voltage at 1.5A Synchronous Boost Operation
BQ24190 TI-BQ24190_15 Datasheet
2Mb / 52P
bq2419x I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ25619 TI1-BQ25619 Datasheet
585Kb / 55P
BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25619 TI1-BQ25619_V01 Datasheet
2Mb / 59P
BQ25619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25618 TI1-BQ25618 Datasheet
2Mb / 64P
BQ25618/619 I2C Controlled 1-Cell 1.5-A Battery Charger with 20-mA Termination and 1-A Boost Operation
BQ25611D TI1-BQ25611D Datasheet
1Mb / 57P
BQ25611D I2C Controlled 1-Cell 3.0-A Buck Battery Charger with USB Detection and 1.2-A Boost Operation
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com