Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24312 Datasheet (PDF) - Texas Instruments

BQ24312 Datasheet PDF - Texas Instruments
Part # BQ24312
Download  BQ24312 Download
File Size   1663.45 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24312 Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC

BQ24312 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24312 Datasheet PDF - Texas Instruments

Part # BQ24312
Download  BQ24312 Click to download

File Size   1663.45 Kbytes
Page   27 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24312 Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC

BQ24312 Datasheet (HTML) - Texas Instruments


BQ24312 Product details

1 Features
1• Provides Protection for Three Variables:
– Input Overvoltage Protection
– User-Programmable Overcurrent with Current
Limiting
– Battery Overvoltage
• Maximum Input Voltage of 30 V
• Supports up to 1.5-A Input Current
• Robust Against False Triggering Due to Current
Transients
• Thermal Shutdown
• Enable Input
• Status Indication – Fault Condition
• Available in Space-Saving Small 8 Lead 2 × 2
WSON

2 Applications
• Mobile Phones and Smart Phones
• PDAs
• MP3 Players
• Low-Power Handheld Devices
• Bluetooth™ Headsets

3 Description
The bq24312 device is a highly integrated circuit (IC)
designed to provide protection to Li-ion batteries from failures of the charging circuit. The device
continuously monitors the input voltage, the input
current, and the battery voltage. In case of an input
overvoltage condition, the device immediately
removes power from the charging circuit by turning off an internal switch. In the case of an overcurrent
condition, it limits the system current at the threshold
value, and if the overcurrent persists, switches the
pass element OFF after a blanking period.
Additionally, the device also monitors its own die temperature and switches off if it exceeds 140°C. The
input overcurrent threshold is user-programmable.
The device can be controlled by a processor and also
provides status information about fault conditions to
the host.




Similar Part No. - BQ24312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
bq24312DSG TI-bq24312DSG Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24312DSGR TI-BQ24312DSGR Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24312DSGT TI-BQ24312DSGT Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results


Similar Description - BQ24312

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24314 TI-BQ24314 Datasheet
380Kb / 13P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314 TI-BQ24314_1 Datasheet
1Mb / 25P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300 Datasheet
836Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314A TI-BQ24314A Datasheet
856Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24300 TI-BQ24300_08 Datasheet
872Kb / 23P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24315 TI-BQ24315 Datasheet
1Mb / 20P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24313 TI-BQ24313 Datasheet
1Mb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24308 TI-BQ24308 Datasheet
1Mb / 24P
Overvoltage and Overcurrent Protection IC and Li Charger Front-End Protection IC
BQ24312 TI-BQ24312 Datasheet
868Kb / 21P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
BQ24314ADSGT TI1-BQ24314ADSGT Datasheet
630Kb / 22P
OVERVOLTAGE AND OVERCURRENT PROTECTION IC AND Li CHARGER FRONT-END PROTECTION IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com