Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24600 Datasheet (PDF) - Texas Instruments

BQ24600 Datasheet PDF - Texas Instruments
Part # BQ24600
Download  BQ24600 Download
File Size   1653.55 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24600 Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq

BQ24600 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24600 Datasheet PDF - Texas Instruments

Part # BQ24600
Download  BQ24600 Click to download

File Size   1653.55 Kbytes
Page   37 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24600 Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq

BQ24600 Datasheet (HTML) - Texas Instruments


BQ24600 Product details

1 Features
1• 1.2-MHz NMOS-NMOS Synchronous Buck
Converter
• Stand-Alone Charger Support for Li-Ion or Li-
Polymer
• 5-V – 28-V VCC Input Voltage Range and
Supports 1S-6S Battery Cells
• Up to 10-A Charge Current and Adapter Current Li•
High-Accuracy Voltage and Current Regulation
– ±0.5% Charge-Voltage Accuracy
– ±3% Charge-Current Accuracy
• Integration
– Internal Loop Compensation
– Internal Soft Start
• Safety
– Input Overvoltage Protection
– Battery Thermistor Sense Hot/Cold Charge
Suspend low–
Battery Detection
– Built-In Safety Timer
– Charge Overcurrent Protection
– Battery Short Protection
– Battery Overvoltage Protection
– Thermal Shutdown
• Status Outputs
– Adapter Present
– Charger Operation Status
• Charge Enable Pin
• 6-V Gate Drive for Synchronous Power Converter
• 30-ns Driver Dead-Time and 99.5% Max. Effective
Duty Cycle
• 16-Pin 3.5-mm × 3.5-mm QFN package
• Energy Star Low Quiescent Current Iq
– < 15-μA Off-State Battery Discharge Current
– < 1.5-mA Off-State Input Quiescent Current

2 Applications
• Portable Equipment Handle Terminals
• Industrial and Medical Equipment
• Power Tools Appliance
• Mobile Internet Device, and Ultra-Mobile PC

3 Description
The bq24600 is a highly integrated Li-ion or Li•
polymer switch-mode battery-charge controller. It
offers a constant-frequency synchronous PWM controller with high-accuracy charge current and
voltage regulation, charge preconditioning,
termination, and charge status monitoring,
The bq24600 charges the battery in three phases:
preconditioning, constant current, and constant
voltage. Charge is terminated when the current reaches a minimum level. An internal charge timer
provides a safety backup. The bq24600 automatically
restarts the charge cycle if the battery voltage falls
below an internal threshold, and enters a low–
quiescent-current sleep mode when the input voltage falls below the battery voltage.




Similar Part No. - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 31P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI2-BQ24600 Datasheet
2Mb / 45P
BQ2461x Stand-Alone 1- to 6-Cell Synchronous Buck Battery Charger Controller
REVISED DECEMBER 2019
BQ24600 TI2-BQ24600 Datasheet
2Mb / 43P
bq24616 JEITA Guideline Compatible Stand-Alone Synchronous Switched-Mode Li-Ion or Li-Polymer Battery Charger With System Power Selector and Low Iq
REVISED JUNE 2015
bq24600RVAR TI-bq24600RVAR Datasheet
1Mb / 29P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
More results


Similar Description - BQ24600

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com