Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24616 Datasheet (PDF) - Texas Instruments

BQ24616 Datasheet PDF - Texas Instruments
Part # BQ24616
Download  BQ24616 Download
File Size   2844.23 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24616 JEITA Guideline Compatible Stand-Alone Synchronous Switched-Mode Li-Ion or Li-Polymer Battery Charger With System Power Selector and Low Iq

BQ24616 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24616 Datasheet PDF - Texas Instruments

Part # BQ24616
Download  BQ24616 Click to download

File Size   2844.23 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq24616 JEITA Guideline Compatible Stand-Alone Synchronous Switched-Mode Li-Ion or Li-Polymer Battery Charger With System Power Selector and Low Iq

BQ24616 Datasheet (HTML) - Texas Instruments


BQ24616 Product details

1 Features
1• Battery Thermistor Sense for JEITA Guideline
Compatible Charger
• 600-kHz NMOS-NMOS Synchronous Buck
Converter
• Stand-Alone Charger Support for Li-Ion or Li-
Polymer
• 5-V–28-V VCC Input Operating Range and
Supports 1 to 6 Battery Cells
• Up to 10-A Charge Current and Adapter Current
• High-Accuracy Voltage and Current Regulation
– ±0.5% Charge Voltage Accuracy
– ±3% Charge Current Accuracy
– ±3% Adapter Current Accuracy
• Integration
– Automatic System Power Selection From
Adapter or Battery
– Internal Loop Compensation
– Internal Soft-Start
– Dynamic Power Management
• Safety Protection
– Input Overvoltage Protection
– Battery Detection
– Reverse Protection Input FET
– Programmable Safety Timer
– Charge Overcurrent Protection
– Battery Short Protection
– Battery Overvoltage Protection
– Thermal Shutdown
• Status Outputs
– Adapter Present
– Charger Operation Status
• Charge Enable Pin
• 6-V Gate Drive for Synchronous Buck Converter
• 30-ns Driver Dead-Time and 99.5% Maximum
Effective Duty Cycle
• 24-Pin, 4-mm × 4-mm QFN Package
• Energy Star Low Quiescent Current Iq
– < 15-μA Off-State Battery Discharge Current
– < 1.5-mA Off-State Input Quiescent Current

2 Applications
• Netbooks, Mobile Internet Devices, and Ultra-
Mobile PCs
• Industrial and Medical Equipment
• Personal Digital Assistants
• Handheld Terminals
• Portable Equipment

3 Description
The bq2461x device is a highly integrated, Japan
Electronic Information Technology Association
(JEITA) guideline-compatible, Li-ion or Li-polymer switched-mode battery charge controller. The device
offers a constant-frequency synchronous switching
PWM controller with high-accuracy charge current
and voltage regulation, charge preconditioning, termination, adapter current regulation, and charge
status monitoring
The bq2461x charges the battery in three phases: preconditioning, constant current, and constant
voltage. Charge is terminated when the current
reaches a minimum user-selectable level. A
programmable charge timer provides a safety backup. The bq2461x automatically restarts the
charge cycle if the battery voltage falls below an
internal threshold, and enters a low quiescent current
sleep mode when the input voltage falls below the battery voltage.




Similar Part No. - BQ24616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616 Datasheet
1Mb / 36P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI2-BQ24616 Datasheet
2Mb / 45P
BQ2461x Stand-Alone 1- to 6-Cell Synchronous Buck Battery Charger Controller
REVISED DECEMBER 2019
BQ24616RGER TI-BQ24616RGER Datasheet
1Mb / 34P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616RGER TI-BQ24616RGER Datasheet
1Mb / 36P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
More results


Similar Description - BQ24616

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610 TI-BQ24610_2 Datasheet
1Mb / 33P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24171 TI1-BQ24171 Datasheet
2Mb / 35P
JEITA Compliant Stand-Alone Switch-Mode Li-Ion and Li-Polymer Battery Charger with Integrated MOSFETs and Power Path Selector
BQ24171 TI-BQ24171_15 Datasheet
2Mb / 39P
bq24171 JEITA-Compliant Stand-Alone, Switched-Mode Li-Ion and Li-Polymer Battery Charger With Integrated MOSFETs and Power Path Selector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com