Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24650 Datasheet (PDF) - Texas Instruments

BQ24650 Datasheet PDF - Texas Instruments
Part # BQ24650
Download  BQ24650 Download
File Size   2548.43 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ24650 Stand-Alone Synchronous Buck Battery Charge Controller for Solar Power With Maximum Power Point Tracking

BQ24650 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24650 Datasheet PDF - Texas Instruments

Part # BQ24650
Download  BQ24650 Click to download

File Size   2548.43 Kbytes
Page   39 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ24650 Stand-Alone Synchronous Buck Battery Charge Controller for Solar Power With Maximum Power Point Tracking

BQ24650 Datasheet (HTML) - Texas Instruments


BQ24650 Product details

1 Features
1• Maximum Power Point Tracking (MPPT) capability
by input Voltage regulation
• Programmable MPPT setting
• 5-V to 28-V Input solar panel
• 600-kHz NMOS-NMOS Synchronous buck
controller
• Resistor programmable float voltage
• Accommodates Li-Ion/Polymer, LiFePO4, lead
acid chemistries
• Accuracy
– ±0.5% Charge voltage regulation
– ±3% Charge current regulation
– ±0.6% Input voltage regulation
• High Integration
– Internal loop compensation
– Internal digital soft start
• Safety
– Input overvoltage protection
– Battery temperature-sensing
– Battery absent detection
– Thermal shutdown
• Charge status outputs for LED or host processor
• Charge enable on MPPSET pin
• Automatic sleep mode for low power consumption
– < 15-μA OFF-state battery discharge current
• Small 3.5 × 3.5 mm2 16-pin QFN package

2 Applications
• Solar-powered applications
• Remote monitoring stations
• Portable handheld instruments
• 12-V to 24-V Automotive systems
• Current-limited power source

3 Description
The BQ24650 device is a highly integrated switchmode
battery charge controller. It provides input
voltage regulation, which reduces charge current
when input voltage falls below a programmed level.
When the input is powered by a solar panel, the input
regulation loop lowers the charge current so that the
solar panel can provide maximum power output.
The BQ24650 offers a constant-frequency
synchronous PWM controller with high accuracy
current and voltage regulation, charge
preconditioning, charge termination, and charge
status monitoring.




Similar Part No. - BQ24650

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650 TI2-BQ24650 Datasheet
2Mb / 45P
BQ2461x Stand-Alone 1- to 6-Cell Synchronous Buck Battery Charger Controller
REVISED DECEMBER 2019
BQ24650 TI2-BQ24650 Datasheet
2Mb / 43P
bq24616 JEITA Guideline Compatible Stand-Alone Synchronous Switched-Mode Li-Ion or Li-Polymer Battery Charger With System Power Selector and Low Iq
REVISED JUNE 2015
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650RVAR TI-BQ24650RVAR Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
More results


Similar Description - BQ24650

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SM72442 NSC-SM72442 Datasheet
420Kb / 14P
Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
logo
Linear Technology
LT3652 LINER-LT3652_15 Datasheet
280Kb / 26P
Power Tracking 2A Battery Charger for Solar Power
LT8490 LINER-LT8490_15 Datasheet
600Kb / 42P
High Voltage, High Current Buck-Boost Battery Charge Controller with Maximum Power Point Tracking
logo
Texas Instruments
SM72441 TI-SM72441_15 Datasheet
702Kb / 15P
SM72441 Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
SM72442 TI-SM72442_15 Datasheet
753Kb / 21P
Programmable Maximum Power Point Tracking Controller for Photovoltaic Solar Panels
logo
Shenzhen Huazhimei Semi...
HM4072B HMSEMI-HM4072B Datasheet
1Mb / 11P
4A multi-cell battery charge management IC with solar cell maximum power point tracking
HM4077 HMSEMI-HM4077 Datasheet
613Kb / 10P
4A, 12V lead-acid battery charge management IC with solar cell maximum power point tracking
logo
Analog Devices
LT8491 AD-LT8491 Datasheet
1Mb / 82P
High Voltage Buck-Boost Battery Charge Controller with Maximum Power Point
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com