Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ24725 Datasheet (PDF) - Texas Instruments

BQ24725 Datasheet PDF - Texas Instruments
Part # BQ24725
Download  BQ24725 Download
File Size   1540.7 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection

BQ24725 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ24725 Datasheet PDF - Texas Instruments

Part # BQ24725
Download  BQ24725 Click to download

File Size   1540.7 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection

BQ24725 Datasheet (HTML) - Texas Instruments


BQ24725 Product details

1FEATURES
2• SMBus Host-Controlled NMOS-NMOS
Synchronous Buck Converter with
Programmable 615kHz, 750kHz, and 885kHz
Switching Frequencies
• Automatic N-channel MOSFET Selection of
System Power Source from Adapter or Battery
Driven by Internal Charge Pumps
• Enhanced Safety Features for Over Voltage
Protection, Over Current Protection, Battery,
Inductor and MOSFET Short Circuit Protection
• Programmable Input Current, Charge Voltage,
Charge Current Limits
– ±0.5% Charge Voltage Accuracy up to 19.2V
– ±3% Charge Current Accuracy up to 8.128A
– ±3% Input Current Accuracy up to 8.064A
– ±2% 20x Adapter Current or Charge Current
Amplifier Output Accuracy
• Programmable Battery Depletion Threshold,
and Battery LERAN Function
• Programmable Adapter Detection and
Indicator
• Integrated Soft Start
• Integrated Loop Compensation
• Real Time System Control on ILIM pin to Limit
Charge Current
• AC Adapter Operating Range 9V-24V
• 5μA Off-State Battery Discharge Current
• 20-pin 3.5 x 3.5 mm2 QFN Package

APPLICATIONS
• Portable Notebook Computers, UMPC, Ultra-
Thin Notebook, and Netbook
• Personal Digital Assistant
• Handheld Terminal
• Industrial and Medical Equipment
• Portable Equipment

DESCRIPTION
The bq24725 is a high-efficiency, synchronous
battery charger, offering low component count for
space-constraint, multi-chemistry battery charging
applications.
The bq24725 uses two charge pumps to separately
drive n-channel MOSFETs (ACFET, RBFET and
BATFET) for automatic system power source
selection.
SMBus controlled input current, charge current, and
charge voltage DACs allow for high regulation
accuracies that can be programmed by the system
power management micro-controller.
The bq24725 uses internal input current register or
external ILIM pin to throttle down PWM modulation to
reduce the charge current.
The bq24725 charges two, three or four series Li+
cells, and is available in a 20-pin, 3.5 x 3.5 mm2 QFN
package.




Similar Part No. - BQ24725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 47P
1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI-BQ24725A Datasheet
1Mb / 47P
bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24725A TI2-BQ24725A Datasheet
2Mb / 50P
BQ24725A SMBus 1- to 4-Cell Li Buck Battery Charge Controller with N-Channel Power MOSFET Selector
REVISED JANUARY 2020
More results


Similar Description - BQ24725

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24725 TI-BQ24725 Datasheet
1Mb / 39P
2-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24707 TI1-BQ24707 Datasheet
1Mb / 36P
1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24725A TI1-BQ24725A Datasheet
1Mb / 42P
1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24735 TI1-BQ24735 Datasheet
1Mb / 42P
1-4 Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode with N-Channel Power MOSFET Selector
BQ24707 TI-BQ24707_15 Datasheet
1Mb / 44P
bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24707A TI-BQ24707A_15 Datasheet
1Mb / 44P
bq24707x 1-4 Cell Li Battery SMBus Charge Controller With Independent Comparator and Advanced Circuit Protection
BQ24725A TI-BQ24725A_15 Datasheet
1Mb / 47P
bq24725A 1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24735 TI-BQ24735_15 Datasheet
2Mb / 46P
bq24735 1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
BQ24725A TI1-BQ24725A_17 Datasheet
1Mb / 47P
1-4 Cell Li Battery SMBus Charge Controller with N-Channel Power MOSFET Selector and Advanced Circuit Protection
BQ24735 TI1-BQ24735_17 Datasheet
2Mb / 46P
1- to 4-Cell Li Battery SMBus Charge Controller for Supporting Turbo Boost Mode With N-Channel Power MOSFET Selector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com