Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25170 Datasheet (PDF) - Texas Instruments

BQ25170 Datasheet PDF - Texas Instruments
Part # BQ25170
Download  BQ25170 Download
File Size   2741.65 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4

BQ25170 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25170 Datasheet PDF - Texas Instruments

Part # BQ25170
Download  BQ25170 Click to download

File Size   2741.65 Kbytes
Page   35 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4

BQ25170 Datasheet (HTML) - Texas Instruments


BQ25170 Product details

1 Features
• Input voltage up-to 30-V tolerant
• Automatic Sleep Mode for low power consumption
– 350-nA battery leakage current
– 85-μA input leakage current when charge
disabled
• Supports 1-cell Li-Ion, Li-Poly, and LiFePO4
• External resistor programmable operation
– VSET to set battery regulation voltage:
• Li-Ion: 4.05 V, 4.1 V, 4.2 V, 4.35 V, 4.4 V
• LiFePO4: 3.5 V, 3.6 V, 3.7 V
– ISET to set charge current from 10 mA to 800
mA
• High accuracy
– ±0.5% charge voltage accuracy
– ±10% charge current accuracy
• Charging features
– Precharge current 20% of ISET
– Termination current 10% of ISET
– NTC thermistor input to monitor battery
temperature
– TS pin for charging function control
– Open-drain output for status and fault indication
– Open-drain output for power good indication
• Integrated fault protection
– 6.6-V IN overvoltage protection
– VSET based OUT overvoltage protection
– 1000-mA overcurrent protection
– 125°C thermal regulation; 150°C thermal
shutdown protection
– OUT short-circuit protection
– VSET, ISET pins short/open protection

2 Applications
• True wireless headsets
• Wearable accessories, smart band
• Beauty and grooming
• Electric toothbrush
• Fleet management, asset tracking

3 Description
The BQ25170 is an integrated 800-mA linear charger
for 1-cell Li-Ion, Li-Polymer, and LiFePO4 batteries
targeted at space-limited portable applications. The
device has a single power output that charges the
battery. The system load can be placed in parallel
with the battery, as long as the average system load
does not prevent the battery from charging fully within
the safety timer duration. When the system load is
placed in parallel with the battery, the charge current
is shared between the system and the battery.
The device has three phases for charging a Li-Ion
battery: precharge to recover a fully discharged
battery, fast-charge constant current to supply the
bulk of the charge, and voltage regulation to reach
full capacity.
In all charge phases, an internal control loop monitors
the IC junction temperature and reduces the charge
current if an internal temperature threshold, TREG, is
exceeded.
The charger power stage and charge current sense
functions are fully integrated. The charger function
has high accuracy current and voltage regulation
loops, charge status display, and automatic charge
termination. The charge voltage and fast charge
current are programmable through external resistors.
The precharge and termination current threshold track
the fast charge current setting.




Similar Part No. - BQ25170

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25170DSGR TI-BQ25170DSGR Datasheet
556Kb / 10P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25170J TI-BQ25170J Datasheet
3Mb / 33P
BQ25170J : 800-mA JEITA-Compliant Linear Battery Charger for 1-Cell Li-Ion, Li-Polymer, and LiFePO4
SLUSEF8 ??OCTOBER 2021
BQ25170JDSGR TI-BQ25170JDSGR Datasheet
3Mb / 33P
BQ25170J : 800-mA JEITA-Compliant Linear Battery Charger for 1-Cell Li-Ion, Li-Polymer, and LiFePO4
SLUSEF8 ??OCTOBER 2021
More results


Similar Description - BQ25170

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6801-12 TOREX-XC6801-12 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
XC6801 TOREX-XC6801_15 Datasheet
468Kb / 19P
1 Cell Li-ion Battery Linear Charger IC
logo
Global Mixed-mode Techn...
G5808 GMT-G5808 Datasheet
67Kb / 1P
Single Cell Li-Ion Battery Linear Charger
G5805 GMT-G5805 Datasheet
74Kb / 1P
Single Cell Li-Ion Battery Linear Charger
logo
Richtek Technology Corp...
RT9526A RICHTEK-RT9526A_14 Datasheet
145Kb / 13P
Linear Single Cell Li-Ion Battery Charger
logo
Texas Instruments
BQ25171-Q1 TI-BQ25171-Q1 Datasheet
750Kb / 11P
BQ25171-Q1: Automotive 800-mA Linear Battery Charger for 1- to 2-Cell Li-Ion, LiFePO4, and 1- to 6-Cell NiMH
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
BQ25175 TI-BQ25175 Datasheet
1Mb / 31P
BQ25175 Standalone, 800-mA Linear Charger for 1-Cell Li-Ion
BQ25170J TI-BQ25170J Datasheet
3Mb / 33P
BQ25170J : 800-mA JEITA-Compliant Linear Battery Charger for 1-Cell Li-Ion, Li-Polymer, and LiFePO4
SLUSEF8 ??OCTOBER 2021
BQ25176J TI-BQ25176J Datasheet
1Mb / 34P
BQ25176J: 800-mA JEITA-Compliant Linear Battery Charger For 1-Cell Li-Ion and LiFePO4 With VINDPM
OCTOBER 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com