Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7266 Datasheet (PDF) - STMicroelectronics

TDA7266 Datasheet PDF - STMicroelectronics
Part # TDA7266
Download  TDA7266 Download
File Size   244.29 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7 7 W dual bridge amplifier

TDA7266 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7266 Datasheet PDF - STMicroelectronics

Part # TDA7266
Download  TDA7266 Click to download

File Size   244.29 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 7 7 W dual bridge amplifier

TDA7266 Datasheet (HTML) - STMicroelectronics


TDA7266 Product details

Features
• Wide supply voltage range (3 - 18 V)
• Minimum external components
– No SWR capacitor
– No bootstrap
– No boucherot cells
– Internally fixed gain
• Standby and mute functions
• Short-circuit protection
• Thermal overload protection




Similar Part No. - TDA7266

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
522Kb / 11P
7W7W DUAL BRIDGE AMPLIFIER
Sep-2003
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
TDA7266-J15-A-T UTC-TDA7266-J15-A-T Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
More results


Similar Description - TDA7266

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8944J PHILIPS-TDA8944J Datasheet
580Kb / 21P
2 x 7 W stereo Bridge Tied Load BTL audio amplifier
Rev. 02 -14 February 2000
logo
STMicroelectronics
TDA7266 STMICROELECTRONICS-TDA7266 Datasheet
120Kb / 9P
77W DUAL BRIDGE AMPLIFIER
2002-Mar
logo
TriQuint Semiconductor
TGA4915-EPU-CP TRIQUINT-TGA4915-EPU-CP Datasheet
137Kb / 8P
7 W Ka Band Packaged Power Amplifier
logo
Unisonic Technologies
TDA7266 UTC-TDA7266 Datasheet
153Kb / 7P
77W DUAL BRIDGE AMPLIFIER
TDA7266N UTC-TDA7266N Datasheet
211Kb / 9P
77W DUAL BRIDGE AMPLIFIER
logo
NXP Semiconductors
TFA9800J NXP-TFA9800J Datasheet
136Kb / 17P
2 쨈 7 W stereo power amplifier
Rev. 01-17 March 2006
logo
Unisonic Technologies
TDA7266 UTC-TDA7266_10 Datasheet
257Kb / 8P
77W DUAL BRIDGE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022 Datasheet
1Mb / 8P
7 W Pulsed High Power Amplifier
logo
TriQuint Semiconductor
TQM879006A TRIQUINT-TQM879006A_15 Datasheet
1Mb / 11P
1.4 ??.7 GHz W Digital Variable Amplifier
logo
M/A-COM Technology Solu...
MAAP-011022 MA-COM-MAAP-011022_15 Datasheet
1Mb / 9P
7 W Pulsed High Power Amplifier
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com