Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7294 Datasheet (PDF) - STMicroelectronics

TDA7294 Datasheet PDF - STMicroelectronics
Part # TDA7294
Download  TDA7294 Download
File Size   1163.76 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 100 W DMOS audio amplifier with mute/st-by

TDA7294 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA7294 Datasheet PDF - STMicroelectronics

Part # TDA7294
Download  TDA7294 Click to download

File Size   1163.76 Kbytes
Page   31 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 100 V, 100 W DMOS audio amplifier with mute/st-by

TDA7294 Datasheet (HTML) - STMicroelectronics


TDA7294 Product details

Features
• Very high operating voltage range (± 40 V)
• DMOS power stage
• High output power (up to 100 W music power)
• Muting/stand-by functions
• No switch on/off noise
• No boucherot cells
• Very low distortion
• Very low noise
• Short circuit protection
• Thermal shutdown




Similar Part No. - TDA7294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
TDA7294HS STMICROELECTRONICS-TDA7294HS Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
More results


Similar Description - TDA7294

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-1996
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-1996
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jun-2000
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Jan-2003
TDA7294 STMICROELECTRONICS-TDA7294_07 Datasheet
1Mb / 17P
100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Apr-2003
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
TDA-7296 STMICROELECTRONICS-TDA-7296 Datasheet
291Kb / 15P
70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Feb-2005
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com