Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDN306P Datasheet (PDF) - ON Semiconductor

FDN306P Datasheet PDF - ON Semiconductor
Part # FDN306P
Download  FDN306P Download
File Size   247.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel 1.8V Specified PowerTrench® MOSFET

FDN306P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDN306P Datasheet PDF - ON Semiconductor

Part # FDN306P
Download  FDN306P Click to download

File Size   247.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description P-Channel 1.8V Specified PowerTrench® MOSFET

FDN306P Datasheet (HTML) - ON Semiconductor


FDN306P Product details

General Description
This P-Channel 1.8V specified MOSFET uses Fairchild’s advanced low voltage PowerTrench process. It has been optimized for battery power management applications.

Applications
• Battery management
• Load switch
• Battery protection

Features
• –2.6 A, –12 V. RDS(ON) = 40 mΩ @ VGS = –4.5 V
RDS(ON) = 50 mΩ @ VGS = –2.5 V
RDS(ON) = 80 mΩ @ VGS = –1.8 V
• Fast switching speed
• High performance trench technology for extremely low RDS(ON)
• SuperSOTTM -3 provides low RDS(ON) and 30% higher power handling capability than SOT23 in the same footprint




Similar Part No. - FDN306P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN306P FAIRCHILD-FDN306P Datasheet
144Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDN306P TECHPUBLIC-FDN306P Datasheet
1,001Kb / 3P
Single P-Channel PowerTrench MOSFET
logo
Guangdong Youtai Semico...
FDN306P UMW-FDN306P Datasheet
468Kb / 5P
P-Channel 1.8 V (D-S) MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDN306P EVVOSEMI-FDN306P Datasheet
342Kb / 5P
P-Channel 1.8 V (D-S) MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDN306P-NL VBSEMI-FDN306P-NL Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - FDN306P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC606P FAIRCHILD-FDC606P Datasheet
154Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDG6308P FAIRCHILD-FDG6308P Datasheet
85Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
SI3445DV FAIRCHILD-SI3445DV Datasheet
90Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
SI3447DV FAIRCHILD-SI3447DV Datasheet
90Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
SI6467DQ FAIRCHILD-SI6467DQ Datasheet
98Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDJ1027P FAIRCHILD-FDJ1027P_06 Datasheet
1Mb / 6P
P-Channel 1.8V Specified PowerTrench MOSFET
FDN304P FAIRCHILD-FDN304P_01 Datasheet
106Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDW254PZ FAIRCHILD-FDW254PZ_08 Datasheet
230Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
FDS-4465 FAIRCHILD-FDS-4465 Datasheet
371Kb / 5P
P-Channel 1.8V Specified PowerTrench??MOSFET
logo
ON Semiconductor
FDC606P ONSEMI-FDC606P Datasheet
215Kb / 5P
P-Channel 1.8V Specified PowerTrench MOSFET
September-2017, Rev. 5
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com