Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RQ4MLPF-G-BCERE1 Datasheet (PDF) - RAMXEED LIMITED

MB85RQ4MLPF-G-BCERE1 Datasheet PDF - RAMXEED LIMITED
Part # MB85RQ4MLPF-G-BCERE1
Download  MB85RQ4MLPF-G-BCERE1 Download
File Size   2681.47 Kbytes
Page   39 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 4 M (512 K  8) Bit Quad SPI

MB85RQ4MLPF-G-BCERE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RQ4MLPF-G-BCERE1 Datasheet PDF - RAMXEED LIMITED

Part # MB85RQ4MLPF-G-BCERE1
Download  MB85RQ4MLPF-G-BCERE1 Click to download

File Size   2681.47 Kbytes
Page   39 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 4 M (512 K  8) Bit Quad SPI

MB85RQ4MLPF-G-BCERE1 Datasheet (HTML) - RAMXEED LIMITED


MB85RQ4MLPF-G-BCERE1 Product details

 DESCRIPTION
MB85RQ4ML is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 524,288
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
MB85RQ4ML adopts the Quad Serial Peripheral Interface (QSPI) which can realize a high bandwidth such
as Read and Write at 54 MB/s using four bi-directional pins (Quad I/O).
The MB85RQ4ML is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RQ4ML can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RQ4ML does not take long time to write data like Flash memories or E2PROM.
MB85RQ4ML is able to write data at a high bandwidth without any waiting time and fits perfectly into
Networking, Gaming, Industrial computing, Camera, RAID controllers, etc.

 FEATURES
• Bit configuration : 524,288 words  8 bits
• Serial Peripheral Interface : SPI (Serial Peripheral Interface) / Quad SPI
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
• Write supports : Single data input / Quad data input / Quad address and data input /
QPI mode
• Read supports : Single data output / Fast single data output / Fast quad data output /
Fast quad address input and data output / QPI mode / XIP mode
• Operating frequency : 108 MHz (Except normal READ command)
• High endurance : 1013 Read/Write per byte
• Data retention : 10 years (+85 C), 95 years (  55 C), over 200 years (  35 C)
• Operating power supply voltage : 1.7 V to 1.95 V (Single power supply)
• Power consumption : Operating power supply current 20.0 mA (Typ@Quad I/O 108 MHz)
Standby current 70 A (Typ), 400 A (Max)
• Operation ambient temperature range : -40 C to +85 C
• Package : 16-pin plastic SOP
RoHS compliant




Similar Part No. - MB85RQ4MLPF-G-BCERE1

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
4 M (512 K 횞 8) Bit Quad SPI
More results


Similar Description - MB85RQ4MLPF-G-BCERE1

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM658512A HITACHI-HM658512A Datasheet
105Kb / 22P
4 M PSRAM (512-kword x 8-bit) 2 k Refresh
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
logo
Cypress Semiconductor
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
512-Kbit (64 K x 8) SPI nvSRAM
CY15B104Q CYPRESS-CY15B104Q Datasheet
847Kb / 22P
4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
FM25V40 CYPRESS-FM25V40 Datasheet
851Kb / 23P
4-Mbit (512 K 횞 8) Serial (SPI) F-RAM
logo
fujitsu semiconductor
MB85R4001A FUJITSU-MB85R4001A Datasheet
313Kb / 24P
4 M ?볝긿??(512 K 횞 8)
MB85RC04VPNF-G FUJITSU-MB85RC04VPNF-G Datasheet
317Kb / 29P
4 K (512 횞 8) Bit I2C
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
4 M (512 K 횞 8) Bit Quad SPI
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com