Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS2MTAPNF-G-AWE2 Datasheet (PDF) - RAMXEED LIMITED

MB85RS2MTAPNF-G-AWE2 Datasheet PDF - RAMXEED LIMITED
Part # MB85RS2MTAPNF-G-AWE2
Download  MB85RS2MTAPNF-G-AWE2 Download
File Size   2466.68 Kbytes
Page   40 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 2 M (256 K X 8) Bit SPI

MB85RS2MTAPNF-G-AWE2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RS2MTAPNF-G-AWE2 Datasheet PDF - RAMXEED LIMITED

Part # MB85RS2MTAPNF-G-AWE2
Download  MB85RS2MTAPNF-G-AWE2 Click to download

File Size   2466.68 Kbytes
Page   40 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 2 M (256 K X 8) Bit SPI

MB85RS2MTAPNF-G-AWE2 Datasheet (HTML) - RAMXEED LIMITED


MB85RS2MTAPNF-G-AWE2 Product details

DESCRIPTION
MB85RS2MTA is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 262,144
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
MB85RS2MTA adopts the Serial Peripheral Interface (SPI).
The MB85RS2MTA is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS2MTA can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS2MTA does not take long time to write data like Flash memories or E2PROM, and MB85RS2MTA
takes no wait time.
FEATURES
Bit configuration : 262,144 words  8 bits
Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
Operating frequency : 40MHz (Max)
High endurance : 1014 times
Data retention : 10 years (+85 C), 95 years(+55 C)
Operating power supply voltage : 1.7 V to 3.6 V
Low power consumption : Operating power supply current 2.3mA (Max@40 MHz)
Standby current 50 A (Max)
Sleep current 10 A (Max)
Operation ambient temperature range : -40 C to +85 C
Package : 8-pin plastic SOP
RoHS compliant




Similar Part No. - MB85RS2MTAPNF-G-AWE2

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB85RS2MT FUJITSU-MB85RS2MT Datasheet
458Kb / 28P
2M (256 K 횞 8) ?볝긿?늆PI
logo
RAMXEED LIMITED
MB85RS2MT RAMXEED-MB85RS2MT Datasheet
1Mb / 28P
2 M (256 K × 8) Bit SPI
2013.3
logo
fujitsu semiconductor
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS2MTPF-G-JNE2 FUJITSU-MB85RS2MTPF-G-JNE2 Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
logo
RAMXEED LIMITED
MB85RS2MTPF-G-JNE2 RAMXEED-MB85RS2MTPF-G-JNE2 Datasheet
1Mb / 28P
2 M (256 K × 8) Bit SPI
2013.3
More results


Similar Description - MB85RS2MTAPNF-G-AWE2

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
2 Megabit (256 K x 8-Bit) CMOS EPROM
logo
fujitsu semiconductor
MB85R2001 FUJITSU-MB85R2001 Datasheet
286Kb / 13P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_08 Datasheet
314Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85R2001 FUJITSU-MB85R2001_09 Datasheet
113Kb / 16P
Memory FRAM CMOS 2 M Bit (256 K 횞 8)
MB85RS256A FUJITSU-MB85RS256A Datasheet
224Kb / 20P
Memory FRAM 256 K (32 K x 8) Bit SPI
logo
Cypress Semiconductor
CY14B256Q1 CYPRESS-CY14B256Q1_13 Datasheet
1Mb / 29P
256-Kbit (32 K x 8) Serial (SPI) nvSRAM
logo
fujitsu semiconductor
MB85RS2MTPF-G FUJITSU-MB85RS2MTPF-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS2MTPH-G FUJITSU-MB85RS2MTPH-G Datasheet
297Kb / 26P
2 M (256 K 횞 8) Bit SPI
MB85RS16NPNF-G FUJITSU-MB85RS16NPNF-G Datasheet
375Kb / 28P
16 K (2 K 횞 8) Bit SPI
MB85RS256BPNF-G FUJITSU-MB85RS256BPNF-G Datasheet
314Kb / 28P
256 K (32 K 횞 8) Bit SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com