Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB85RS4MTPF-G-BCE1 Datasheet (PDF) - RAMXEED LIMITED

MB85RS4MTPF-G-BCE1 Datasheet PDF - RAMXEED LIMITED
Part # MB85RS4MTPF-G-BCE1
Download  MB85RS4MTPF-G-BCE1 Download
File Size   2107.47 Kbytes
Page   31 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 4 M (512 K X 8) Bit SPI

MB85RS4MTPF-G-BCE1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MB85RS4MTPF-G-BCE1 Datasheet PDF - RAMXEED LIMITED

Part # MB85RS4MTPF-G-BCE1
Download  MB85RS4MTPF-G-BCE1 Click to download

File Size   2107.47 Kbytes
Page   31 Pages
Manufacturer  RAMXEED [RAMXEED LIMITED]
Direct Link  https://www.ramxeed.com/
Logo RAMXEED - RAMXEED LIMITED
Description 4 M (512 K X 8) Bit SPI

MB85RS4MTPF-G-BCE1 Datasheet (HTML) - RAMXEED LIMITED


MB85RS4MTPF-G-BCE1 Product details

DESCRIPTION
MB85RS4MT is a FeRAM (Ferroelectric Random Access Memory) chip in a configuration of 524,288
words  8 bits, using the ferroelectric process and silicon gate CMOS process technologies for forming the
nonvolatile memory cells.
MB85RS4MT adopts the Serial Peripheral Interface (SPI).
The MB85RS4MT is able to retain data without using a back-up battery, as is needed for SRAM.
The memory cells used in the MB85RS4MT can be used for 1013 read/write operations, which is a significant
improvement over the number of read and write operations supported by Flash memory and E2PROM.
MB85RS4MT does not take long time to write data like Flash memories or E2PROM, and MB85RS4MT takes
no wait time.
FEATURES
Bit configuration : 524,288 words  8 bits
Serial Peripheral Interface : SPI (Serial Peripheral Interface)
Correspondent to SPI mode 0 (0, 0) and mode 3 (1, 1)
Operating frequency : 40MHz (Max)
High endurance : 1014 times
Data retention : 10 years (+85 C),95 years(+55 C), over 200 years(+35 C)
Operating power supply voltage : 1.8 V to 3.6 V
Low power consumption : Operating power supply current 2.6mA (Max@40 MHz)
Standby current 50 A (Max)
Sleep current 8A (Max)
Operation ambient temperature range : -40 C to +85 C
Package : 8-pin plastic SOP (208mil)
RoHS compliant




Similar Part No. - MB85RS4MTPF-G-BCE1

ManufacturerPart #DatasheetDescription
logo
RAMXEED LIMITED
MB85RS4MTY RAMXEED-MB85RS4MTY Datasheet
2Mb / 32P
4M (512 K x 8) Bit SPI
MB85RS4MTYPN-GS-AWEWE1 RAMXEED-MB85RS4MTYPN-GS-AWEWE1 Datasheet
2Mb / 32P
4M (512 K x 8) Bit SPI
More results


Similar Description - MB85RS4MTPF-G-BCE1

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
logo
Hitachi Semiconductor
HM628512BFP HITACHI-HM628512BFP Datasheet
58Kb / 13P
4 M SRAM (512-kword x 8-bit)
HM628512BI HITACHI-HM628512BI Datasheet
84Kb / 18P
4 M SRAM (512-kword x 8-bit)
HM658512A HITACHI-HM658512A Datasheet
105Kb / 22P
4 M PSRAM (512-kword x 8-bit) 2 k Refresh
logo
SPANSION
MBM29F004TC-70 SPANSION-MBM29F004TC-70 Datasheet
474Kb / 53P
FLASH MEMORY CMOS 4 M (512 K X 8) BIT
MBM29SL800TD-10 SPANSION-MBM29SL800TD-10 Datasheet
519Kb / 56P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
MBM29SL800TE-90 SPANSION-MBM29SL800TE-90 Datasheet
451Kb / 52P
FLASH MEMORY CMOS 8 M (1 M X 8/512 K X 16) BIT
logo
Advanced Micro Devices
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
4 Megabit (512 K x 8-Bit) CMOS EPROM
logo
Cypress Semiconductor
CY14C512PA CYPRESS-CY14C512PA_13 Datasheet
1Mb / 42P
512-Kbit (64 K x 8) SPI nvSRAM
logo
fujitsu semiconductor
MB85RQ4MLPF-G FUJITSU-MB85RQ4MLPF-G Datasheet
360Kb / 30P
4 M (512 K 횞 8) Bit Quad SPI
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com