Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDV304P Datasheet (PDF) - ON Semiconductor

FDV304P Datasheet PDF - ON Semiconductor
Part # FDV304P
Download  FDV304P Download
File Size   170.17 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digital FET, P-Channel

FDV304P Datasheet (PDF)

Go To PDF Page Download Datasheet
FDV304P Datasheet PDF - ON Semiconductor

Part # FDV304P
Download  FDV304P Click to download

File Size   170.17 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Digital FET, P-Channel

FDV304P Datasheet (HTML) - ON Semiconductor


FDV304P Product details

General Description
This P-Channel enhancement mode field effect transistors is produced using Fairchild's proprietary, high cell density, DMOS technology. This very high density process is tailored to minimize on-state resistance at low gate drive conditions. This device is designed especially for application in battery power applications such as notebook computers and cellular phones. This device has excellent on-state resistance even at gate drive voltages as low as 2.5 volts.

Features
-25 V, -0.46 A continuous, -1.5 A Peak.
RDS(ON) = 1.1 W @ VGS = -4.5 V
RDS(ON) = 1.5 W @ VGS= -2.7 V.
Very low level gate drive requirements allowing direct operation in 3V circuits. VGS(th) < 1.5V.
Gate-Source Zener for ESD ruggedness. >6kV Human Body Model
Compact industry standard SOT-23 surface mount package.




Similar Part No. - FDV304P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDV304P FAIRCHILD-FDV304P Datasheet
63Kb / 4P
Digital FET, P-Channel
logo
Guangdong Youtai Semico...
FDV304P UMW-FDV304P Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
logo
EVER SEMICONDUCTOR CO.,...
FDV304P EVVOSEMI-FDV304P Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
Rev:2023A2
logo
VBsemi Electronics Co.,...
FDV304P-NL VBSEMI-FDV304P-NL Datasheet
1Mb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - FDV304P

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6302P FAIRCHILD-FDC6302P Datasheet
76Kb / 4P
Digital FET, Dual P-Channel
FDC6304P FAIRCHILD-FDC6304P Datasheet
74Kb / 4P
Digital FET, Dual P-Channel
FDC6322C FAIRCHILD-FDC6322C Datasheet
96Kb / 7P
Dual N & P Channel , Digital FET
FDG314P FAIRCHILD-FDG314P Datasheet
84Kb / 5P
Digital FET, P-Channel
FDG6302P FAIRCHILD-FDG6302P Datasheet
302Kb / 8P
Dual P-Channel, Digital FET
FDG6304P FAIRCHILD-FDG6304P Datasheet
227Kb / 8P
Dual P-Channel, Digital FET
FDV302P FAIRCHILD-FDV302P Datasheet
63Kb / 4P
Digital FET, P-Channel
FDV304P FAIRCHILD-FDV304P Datasheet
63Kb / 4P
Digital FET, P-Channel
FDG6318PZ FAIRCHILD-FDG6318PZ Datasheet
217Kb / 9P
Dual P-Channel, Digital FET
FDG6318P FAIRCHILD-FDG6318P Datasheet
123Kb / 5P
Dual P-Channel, Digital FET
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com