Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2440 Datasheet (PDF) - Mascot AS

2440 Datasheet PDF - Mascot AS
Part # 2440
Download  2440 Download
File Size   472.86 Kbytes
Page   3 Pages
Manufacturer  MASCOT [Mascot AS]
Direct Link  https://www.mascot.no/
Logo MASCOT - Mascot AS
Description Max. 4A

2440 Datasheet (PDF)

Go To PDF Page Download Datasheet
2440 Datasheet PDF - Mascot AS

Part # 2440
Download  2440 Click to download

File Size   472.86 Kbytes
Page   3 Pages
Manufacturer  MASCOT [Mascot AS]
Direct Link  https://www.mascot.no/
Logo MASCOT - Mascot AS
Description Max. 4A

2440 Datasheet (HTML) - Mascot AS




Similar Part No. - 2440

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2440 KR-2440 Datasheet
152Kb / 2P
Bandpass Filter
logo
Pomona Electronics
2440 POMONA-2440 Datasheet
33Kb / 1P
Miniature Insulating Binding Post With Double Mounting Base
logo
TEKTRONIX, INC.
2440 TEKTRONIX-2440 Datasheet
481Kb / 12P
Series 2400 SourceMeter SMU Instruments
logo
Heyco.
2440 HEYCO-2440 Datasheet
105Kb / 1P
Universal Bushings
logo
Mascot AS
2440 MASCOT-2440 Datasheet
1Mb / 1P
Mounting brackets
20062008
More results


Similar Description - 2440

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK390-120 SANYO-STK390-120 Datasheet
78Kb / 4P
1-Channel Supply Switching Convergence Correction Circuit(Ic max=4A)
logo
Microsemi Corporation
APT4F120K MICROSEMI-APT4F120K Datasheet
188Kb / 4P
N-Channel FREDFET 1200V, 4A, 4.60廓 Max,
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
4A TRIACs
logo
Microsemi Corporation
APT4F120K MICROSEMI-APT4F120K_10 Datasheet
204Kb / 4P
1200V, 4A, 4.2廓 Max Trr ??95nS
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
4A TRIACS
logo
Renesas Technology Corp
RJK1028DNS RENESAS-RJK1028DNS_13 Datasheet
117Kb / 7P
100V, 4A, 165m max. Silicon N Channel Power MOS FET Power Switching
RJK1028DPA RENESAS-RJK1028DPA_13 Datasheet
141Kb / 7P
100V, 4A, 165m max. N Channel Power MOS FET High Speed Power Switching
RJK1028DNS RENESAS-RJK1028DNS_15 Datasheet
117Kb / 7P
100V, 4A, 165m??max. Silicon N Channel Power MOS FET Power Switching
logo
Hongfa Technology
HFD23 HONGFA-HFD23_17 Datasheet
60Kb / 3P
Max. 4A switching capability
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com