Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25883 Datasheet (PDF) - Texas Instruments

BQ25883 Datasheet PDF - Texas Instruments
Part # BQ25883
Download  BQ25883 Download
File Size   3436.92 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25886 Standalone 2-Cell, 2-A Boost-Mode Battery Charger With PowerPath, USB BC1.2 Detection, and USB On-The-Go Boost (OTG)

BQ25883 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25883 Datasheet PDF - Texas Instruments

Part # BQ25883
Download  BQ25883 Click to download

File Size   3436.92 Kbytes
Page   43 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25886 Standalone 2-Cell, 2-A Boost-Mode Battery Charger With PowerPath, USB BC1.2 Detection, and USB On-The-Go Boost (OTG)

BQ25883 Datasheet (HTML) - Texas Instruments


BQ25883 Product details

1 Features
1• High-efficiency 2-A, 1.5-MHz switch mode boost
charger
– 93.4% Charge efficiency at 5-V adapter, 7.6-V
battery, 1-A charge
– Optimized for USB input and 2-cell Li-Ion
battery
• Single input to support USB input adapters
– Supports 4.3-V to 6.2-V input voltage range
with 20-V absolute maximum input voltage
rating
– Input current limit (500 mA to 3.3 A) to support
USB2.0, USB3.0 standard adapters
– Integrated USB D+/D- auto-detect USB SDP,
CDP, DCP, and non-standard adapters
• Standalone function with PowerPath management
– Highest battery discharge efficiency with 17-
mΩ battery discharge MOSFET
– Narrow VDC (NVDC) PowerPath management
– Instant-on works with no battery or deeply
discharged battery
– Ideal diode operation in battery supplement
mode
– Adjustable charge voltage with VSET pin
supports 8.2 V, 8.4 V, 8.7 V, and 8.8 V
– Adjustable charge current with ICHGSET pin
supports 100 to 2200 mA
– Adjustable input current limit with ILIM pin
• Input current optimizer (ICO) to maximize input
power without overloading adapters
• High integration includes all MOSFETs, current
sensing and loop compensation
• High accuracy
– ±0.5% Charge voltage regulation
– ±5% Charge current regulation
– ±7.5% Input current regulation
• Safety
– Battery temperature sensing in charge
– Thermal regulation and thermal shutdown

2 Applications
• Wireless speaker
• Smart Speaker
• EPOS Printer
• Portable POS
• IP network camera

3 Description
The BQ25886 is a highly-integrated 2-A boost switchmode
battery charge management and system
PowerPath management which enables instant power
on and provides accurate termination control device
for 2-cell (2s) Li-Ion and Li-polymer battery. The
BQ25886 is a standalone solution with PowerPath
and OTG.




Similar Part No. - BQ25883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
BQ25883 TI1-BQ25883 Datasheet
3Mb / 86P
2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883 TI2-BQ25883 Datasheet
3Mb / 86P
BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
REVISED APRIL 2019
BQ25883RGER TI1-BQ25883RGER Datasheet
3Mb / 86P
2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25883RGER TI2-BQ25883RGER Datasheet
3Mb / 86P
BQ25883 2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
REVISED APRIL 2019
More results


Similar Description - BQ25883

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
Adjustable Voltage USB On-the-Go Boost Mode
BQ25882 TI1-BQ25882 Datasheet
203Kb / 8P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25881 TI1-BQ25881 Datasheet
1Mb / 6P
2-Cell, 2-A Boost-Mode Battery Charger with I2C, Power Path, OTG for USB Input in QFN Package
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
BQ25887 TI1-BQ25887 Datasheet
2Mb / 79P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
BQ25886 TI1-BQ25886 Datasheet
2Mb / 37P
Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
BQ25887_1904 TI1-BQ25887_1904 Datasheet
2Mb / 83P
I2C Controlled 2-Cell, 2-A boost-mode battery charger with power path cell balancing for USB input
BQ25886_1905 TI1-BQ25886_1905 Datasheet
2Mb / 37P
Standalone 2-Cell, 2-A boost-mode battery charger with power path, USB BC1.2 detection, and USB on-the-go boost (OTG)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com