Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ29200 Datasheet (PDF) - Texas Instruments

BQ29200 Datasheet PDF - Texas Instruments
Part # BQ29200
Download  BQ29200 Download
File Size   773.74 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2920x Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries

BQ29200 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ29200 Datasheet PDF - Texas Instruments

Part # BQ29200
Download  BQ29200 Click to download

File Size   773.74 Kbytes
Page   25 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description bq2920x Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries

BQ29200 Datasheet (HTML) - Texas Instruments


BQ29200 Product details

1 Features
1• 2-Series Cell Secondary Protection
• Automatic Cell Imbalance Correction with External
Enable Control
– ±30-mV Enable, 0-mV Disable Thresholds
Typical
• External Capacitor-Controlled Delay Timer
• External Resistor-Controlled Cell Balance Current
• Low Power Consumption ICC < 3 μA Typical
(VCELL(ALL) < VPROTECT)
• Internal Cell Balancing Handles Current
up to 15 mA
• External Cell Balancing Mode Supported
• High-Accuracy Overvoltage Protection:
– ±25 mV with TA = 0°C to 60°C
• Fixed Overvoltage Protection Thresholds:
4.30 V, 4.35 V
• Small 8L DRB Package

2 Applications
• 2nd Level Protection in Li-Ion Battery Packs
– Netbook Computers
– Power Tools
– Portable Equipment and Instrumentation
– Battery Backup Systems

3 Description
The bq2920x device is a secondary overvoltage
protection IC for 2-series cell lithium-ion battery packs
that incorporates a high-accuracy precision
overvoltage detection circuit and automatic cell
imbalance correction.
The voltage of each cell in a 2-series cell battery
pack is compared to a factory programmed internal
reference voltage. If either cell reaches an
overvoltage condition, the OUT pin changes from low
to high state.
The bq2920x can perform automatic voltage-based
cell imbalance correction. Balancing can start when
the cell voltages are different by nominally 30 mV or
more and stops when the difference is nominally 0
mV. Cell balancing is enabled and disabled by the
CB_EN pin.




Similar Part No. - BQ29200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29200 TI1-BQ29200 Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29200 TI2-BQ29200 Datasheet
773Kb / 25P
bq2920x Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
REVISED MARCH 2016
BQ29200DRBR TI-BQ29200DRBR Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ29200DRBR TI1-BQ29200DRBR Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
More results


Similar Description - BQ29200

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ29200 TI-BQ29200 Datasheet
585Kb / 15P
Voltage Protection with Automatic Cell Balance for 2-Series Cell Li-Ion Batteries
BQ294502 TI-BQ294502 Datasheet
736Kb / 18P
Overvoltage Protection for 2-Series and 3-Series Cell Li-Ion Batteries
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
logo
Intersil Corporation
ISL9220AIRTZ-T7A INTERSIL-ISL9220AIRTZ-T7A Datasheet
515Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
February 16, 2012
logo
Texas Instruments
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ29200 TI1-BQ29200_16 Datasheet
913Kb / 24P
Voltage Protection with Automatic Cell Balance
BQ29209-Q1 TI1-BQ29209-Q1 Datasheet
897Kb / 23P
Voltage Protection with Automatic Cell Balance
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
logo
Renesas Technology Corp
ISL9220 RENESAS-ISL9220 Datasheet
735Kb / 15P
Switching Charger for 1-Cell and 2-Cell Li-ion Batteries
logo
Mitsumi Electronics, Co...
MM3513 MITSUMI-MM3513 Datasheet
44Kb / 2P
Voltage Monitor IC for Li-ion Cell Balance
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com