Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ35100 Datasheet (PDF) - Texas Instruments

BQ35100 Datasheet PDF - Texas Instruments
Part # BQ35100
Download  BQ35100 Download
File Size   723.68 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ35100 Lithium Primary Battery Fuel Gauge and End-Of-Service Monitor

BQ35100 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ35100 Datasheet PDF - Texas Instruments

Part # BQ35100
Download  BQ35100 Click to download

File Size   723.68 Kbytes
Page   34 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ35100 Lithium Primary Battery Fuel Gauge and End-Of-Service Monitor

BQ35100 Datasheet (HTML) - Texas Instruments


BQ35100 Product details

1 Features
1• Fuel gauge and battery diagnostics for flow meter
applications predict end-of-service or early battery
failure
– Supports lithium thionyl chloride (Li-SOCl2)
and lithium manganese dioxide (Li-MnO2)
chemistry batteries
– Accurate voltage, temperature, current, and
coulomb counter measurements that report
battery health and service life
– State-of-health (SOH) algorithm for Li-MnO2
– End-of-service (EOS algorithm for Li-SOCl2)
– Coulomb accumulation (ACC) algorithm for all
battery types
• Ultra-low average power consumption to
maximize battery run time
– Gauge enabled through host-controlled
periodic updates
– State-of-health (SOH) ~0.06 μA
– End-of-service (EOS) ~0.35 μA
– Coulomb accumulation (ACC) diagnostic
updates ~0.3 μA
• System interaction capabilities
– I2C host communication, providing battery
parameter and status access
– Configurable host interrupt
– Battery information data logging options for in
operation diagnostics and failure analysis
– SHA-1 authentication to help prevent
counterfeit battery use

2 Applications
• Used in primary battery systems and suitable for
dynamic load and large ambient temperature
change applications
– Smart meters and flow meters
– Door access control
– Smoke and gas leak detectors
– Building automation
– IoT, including sensor nodes
– Asset tracking
• Battery status reporting and diagnostics with early
failure detection for flow meter systems
• Extends battery runtime with accurate battery
gauging for smoke detector, sensor node, and
asset tracker applications

3 Description
The BQ35100 Battery Fuel Gauge and End-Of-
Service Monitor provides highly configurable fuel
gauging for non-rechargeable (primary) lithium
batteries without requiring a forced discharge of the
battery. Built so that optimization is not necessary to
achieve accurate gauging, the BQ35100 device uses
patented TI gauging algorithms to support the option
to seamlessly replace an old battery with a new one.
The BQ35100 device provides accurate results with
ultra-low average power consumption where less
than 2 μA can be achieved through host control via
the GAUGE ENABLE (GE) pin. The device is only
required to be powered long enough, at a systemdetermined
update frequency, to gather data and to
make calculations to support the selected algorithm.
A typical system may need to only be updated once
every 8 hours as the gauge is not required to be
powered to measure all discharge activity.
The fuel gauging functions use voltage, current, and
temperature measurements to provide state-of-health
(SOH) data and end-of-service (EOS) warning
information where the host can read the gathered
data through a 400-kHz I2C bus. An ALERT output,
based on a variety of configurable status and data
options, is also available to interrupt the host.




Similar Part No. - BQ35100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
BQ35100 TI2-BQ35100 Datasheet
723Kb / 34P
BQ35100 Lithium Primary Battery Fuel Gauge and End-Of-Service Monitor
REVISED APRIL 2019
BQ35100PW TI1-BQ35100PW Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
BQ35100PW TI2-BQ35100PW Datasheet
723Kb / 34P
BQ35100 Lithium Primary Battery Fuel Gauge and End-Of-Service Monitor
REVISED APRIL 2019
BQ35100PW.A TI2-BQ35100PW.A Datasheet
723Kb / 34P
BQ35100 Lithium Primary Battery Fuel Gauge and End-Of-Service Monitor
REVISED APRIL 2019
More results


Similar Description - BQ35100

ManufacturerPart #DatasheetDescription
logo
saftbatteries
BA5360 SAFT-BA5360 Datasheet
475Kb / 2P
Primary lithium battery system
BA5372 SAFT-BA5372 Datasheet
424Kb / 2P
Primary lithium battery system
BA5368 SAFT-BA5368 Datasheet
432Kb / 2P
Primary lithium battery system
BA5380 SAFT-BA5380 Datasheet
513Kb / 2P
Primary lithium battery system
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
Lithium Primary Battery Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
Battery Fuel Gauge Evaluation Kit
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com