Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ25892RTWRG4 Datasheet (PDF) - Texas Instruments

BQ25892RTWRG4 Datasheet PDF - Texas Instruments
Part # BQ25892RTWRG4
Download  BQ25892RTWRG4 Download
File Size   2741.79 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode

BQ25892RTWRG4 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ25892RTWRG4 Datasheet PDF - Texas Instruments

Part # BQ25892RTWRG4
Download  BQ25892RTWRG4 Click to download

File Size   2741.79 Kbytes
Page   69 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description BQ25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode

BQ25892RTWRG4 Datasheet (HTML) - Texas Instruments


BQ25892RTWRG4 Product details

1 Features
• High efficiency 5-A, 1.5-MHz Switch Mode buck
charge
– 93% Charge efficiency at 2 A and 91% charge
efficiency at 3-A charge current
– Optimize for high voltage input (9 V to 12 V)
– Low power PFM Mode for light-load operations
• USB On-the-Go (OTG) with adjustable output from
4.5 V to 5.5 V
– Selectable 500-kHz and 1.5-MHz Boost
Converter with up-to 2.4-A output
– 93% Boost efficiency at 5 V at 1-A output
– Accurate Hiccup Mode overcurent protection
• Single input to support USB input and adjustable
high voltage adapters
– Support 3.9-V to 14-V input voltage range
– Input current limit (100 mA to 3.25 A with
50-mA resolution) to support USB2.0, USB3.0
standard and high voltage adapters
– Maximum power tracking by input voltage limit
up-to 14 V for wide range of adapters
– Auto detect USB SDP, CDP, DCP, and nonstandard
adapters (BQ25890)
• Input Current Optimizer (ICO) to maximize input
power without overloading adapters
• Resistance Compensation (IRCOMP) from charger
output to cell terminal
• Highest battery discharge efficiency with 11-mΩ
battery discharge MOSFET up to 9 A
• Integrated ADC for system monitor
(voltage, temperature, charge current)
• Narrow VDC (NVDC) power path management
– Instant-on works with no battery or deeply
discharged battery
– Ideal diode operation in Battery Supplement
Mode
• BATFET Control to support Ship Mode, wake up,
and full system reset
• Flexible autonomous and I2C Mode for optimal
system performance
• High integration includes all MOSFETs, current
sensing and loop compensation
• 12-μA Low battery leakage current to support Ship
Mode
• High Accuracy
– ±0.5% Charge voltage regulation
– ±5% Charge current regulation
– ±7.5% Input current regulation
• Safety
– Battery temperature sensing for charge and
Boost Mode
– Thermal regulation and thermal shutdown

2 Applications
• Smartphone
• Tablet PC
• Portable Internet Devices

3 Description
The BQ25890, BQ25892 are highly-integrated 5-A
switch-mode battery charge management and system
power path management device for single cell Li-Ion
and Li-polymer battery. The devices support high
input voltage fast charging. The low impedance power
path optimizes switch-mode operation efficiency,
reduces battery charging time and extends battery life
during discharging phase.




Similar Part No. - BQ25892RTWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25892RTWR TI1-BQ25892RTWR Datasheet
1Mb / 69P
Adjustable Voltage USB On-the-Go Boost Mode
More results


Similar Description - BQ25892RTWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25890 TI-BQ25890_15 Datasheet
785Kb / 11P
bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25892 TI-BQ25892_15 Datasheet
785Kb / 11P
bq25890/2 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25895 TI-BQ25895_15 Datasheet
803Kb / 11P
bq25895 I2C Controlled Single Cell 5-A Fast Charger with MaxChargeTM for High Input Voltage and Adjustable Voltage 3.1A Boost Operation
BQ25895M TI-BQ25895M_15 Datasheet
786Kb / 12P
bq25895M I2C Controlled Single Cell Fast Charger with MaxChargeTM Technology for High Input Voltage
BQ25896 TI-BQ25896_15 Datasheet
1Mb / 11P
bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25896 TI-BQ25896_15 Datasheet
767Kb / 11P
bq25896 I2C Controlled Single Cell 3-A Fast Charger with MaxChargeTM Technology for High Input Voltage and Adjustable Voltage USB On-the-Go Boost Mode
BQ25890 TI1-BQ25890_16 Datasheet
1Mb / 69P
Adjustable Voltage USB On-the-Go Boost Mode
BQ25882 TI1-BQ25882_18 Datasheet
204Kb / 9P
I2C Controlled, 2-Cell, 2-A Boost-Mode Battery Charger for USB Input
BQ25883 TI1-BQ25883 Datasheet
2Mb / 79P
2-Cell, 2-A boost-mode battery charger with power path, USB on-the-go boost (OTG) for USB input
BQ25883 TI1-BQ25883_19 Datasheet
3Mb / 86P
2-Cell, 2-A Boost-Mode Battery Charger With Power Path, USB On-The-Go Boost (OTG) For USB Input
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com