Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUF01900 Datasheet (PDF) - Texas Instruments

BUF01900 Datasheet PDF - Texas Instruments
Part # BUF01900
Download  BUF01900 Download
File Size   970.69 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels

BUF01900 Datasheet (PDF)

Go To PDF Page Download Datasheet
BUF01900 Datasheet PDF - Texas Instruments

Part # BUF01900
Download  BUF01900 Click to download

File Size   970.69 Kbytes
Page   31 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description 18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels

BUF01900 Datasheet (HTML) - Texas Instruments


BUF01900 Product details

FEATURES
18-CHANNEL GAMMA CORRECTION
2-CHANNEL PROGRAMMABLE VCOM:
100mA IOUT
10-BIT RESOLUTION
RAIL-TO-RAIL OUTPUT
LOW SUPPLY CURRENT: 900μA/ch
SUPPLY VOLTAGE: 7V to 18V
DIGITAL SUPPLY: 2.0V to 5.5V
INDUSTRY-STANDARD, TWO-WIRE
INTERFACE:
3.4MHz High-Speed Mode
HIGH ESD RATING:
4kV HBM, 1kV CDM, 200V MM
DEMO BOARD AND SOFTWARE AVAILABLE

APPLICATIONS
REPLACES RESISTOR-BASED GAMMA
SOLUTIONS
TFT-LCD REFERENCE DRIVERS
DYNAMIC GAMMA CONTROL

DESCRIPTION
The BUF20800 is a programmable voltage reference
generator designed for gamma correction in TFT-LCD
panels. It provides 18 programmable outputs for gamma
correction and two channels for VCOM adjustment, each
with 10-bit resolution.
This programmability replaces the traditional, timeconsuming
process of changing resistor values to optimize
the various gamma voltages and allows designers to
determine the correct gamma voltages for a panel very
quickly. Required changes can also be easily implemented
without hardware changes.
The BUF20800 uses TI’s latest, small-geometry analog
CMOS process, which makes it a very competitive choice
for full production, not just evaluation.
Programming of each output occurs through an industrystandard,
two-wire serial interface. Unlike existing
programmable buffers, the BUF20800 offers a high-speed
mode that allows clock speeds up to 3.4MHz.
For lower channel count, please contact your local sales
or marketing representative.
The BUF20800 is available in an HTSSOP-38
PowerPAD package. It is specified from −40°C to +85°C.




Similar Part No. - BUF01900

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BUF01900 TI-BUF01900 Datasheet
693Kb / 25P
Programmable Voltage Source with Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM with Integrated Two-Bank Memory
BUF01900 TI1-BUF01900 Datasheet
1Mb / 32P
Programmable Gamma-Voltage Generator with Integrated Two-Bank Memory and External EEPROM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 35P
Programmable Gamma-Voltage Generator and High Slew Rate VCOM
BUF01900 TI1-BUF01900 Datasheet
1Mb / 31P
Programmable Gamma-Voltage Generator
More results


Similar Description - BUF01900

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
BUF20800 BURR-BROWN-BUF20800 Datasheet
752Kb / 27P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Intersil Corporation
EL5625 INTERSIL-EL5625 Datasheet
470Kb / 11P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
February 28, 2006
logo
Burr-Brown (TI)
BUF20820 BURR-BROWN-BUF20820 Datasheet
1Mb / 32P
18-Channel GAMMA VOLTAGE GENERATOR with Two Programmable VCOM Channels
logo
Texas Instruments
BUF22821 TI-BUF22821 Datasheet
751Kb / 25P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
EPCOS
BUF16821 EPCOS-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
logo
Texas Instruments
BUF16821 TI-BUF16821 Datasheet
826Kb / 29P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF16821 TI-BUF16821_1 Datasheet
813Kb / 30P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF08821 TI-BUF08821 Datasheet
778Kb / 27P
Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
BUF20800-Q1 TI1-BUF20800-Q1 Datasheet
1Mb / 32P
18-CHANNEL GAMMA VOLTAGE GENERATOR WITH TWO PROGRAMMABLE VCOM CHANNELS
logo
Renesas Technology Corp
EL5625 RENESAS-EL5625 Datasheet
614Kb / 12P
Programmable 18-Channel Gamma with 1-Channel VCOM with Reference
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com