Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1120 Datasheet (PDF) - Texas Instruments

CC1120 Datasheet PDF - Texas Instruments
Part # CC1120
Download  CC1120 Download
File Size   1609.73 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1120 High-Performance RF Transceiver for Narrowband Systems

CC1120 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC1120 Datasheet PDF - Texas Instruments

Part # CC1120
Download  CC1120 Click to download

File Size   1609.73 Kbytes
Page   36 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description CC1120 High-Performance RF Transceiver for Narrowband Systems

CC1120 Datasheet (HTML) - Texas Instruments


CC1120 Product details

1.1 Features 1
• High-Performance, Single-Chip Transceiver
– Adjacent Channel Selectivity:
64 dB at 12.5-kHz Offset
– Blocking Performance: 91 dB at 10 MHz
– Excellent Receiver Sensitivity:
• –123 dBm at 1.2 kbps
• –110 dBm at 50 kbps
• –127 dBm Using Built-in Coding Gain
– Very Low Phase Noise:
–111 dBc/Hz at 10-kHz Offset
• Suitable for Systems Targeting ETSI Category 1
Compliance in 169-MHz and 433-MHz Bands
• High Spectral Efficiency (9.6 kbps in 12.5-kHz
Channel in Compliance With FCC Narrowbanding
Mandate)
• Separate 128-Byte RX and TX FIFOs
• Support for Seamless Integration With the CC1190
Device for Increased Range Giving up to 3-dB
Improvement in Sensitivity and up to +27-dBm
Output Power
• Power Supply
– Wide Supply Voltage Range (2.0 V to 3.6 V)
– Low Current Consumption:
• RX: 2 mA in RX Sniff Mode
• RX: 17 mA Peak Current in Low-Power
Mode
• RX: 22 mA Peak Current in
High-Performance Mode
• TX: 45 mA at +14 dBm
– Power Down: 0.12 μA
(0.5 μA With eWOR Timer Running)
• Programmable Output Power up to +16 dBm With
0.4-dB Step Size
• Automatic Output Power Ramping
• Configurable Data Rates: 0 to 200 kbps
• Supported Modulation Formats: 2-FSK,
2-GFSK, 4-FSK, 4-GFSK, MSK, OOK
• WaveMatch: Advanced Digital Signal Processing
for Improved Sync Detect Performance
• RoHS-Compliant 5-mm × 5-mm No-Lead QFN
32-Pin Package (RHB)
• Regulations – Suitable for Systems Targeting
Compliance With
– Europe: ETSI EN 300 220, ETSI EN 54-25
– US: FCC CFR47 Part 15, FCC CFR47 Part 90,
24, and 101
– Japan: ARIB RCR STD-T30, ARIB STD-T67,
ARIB STD-T108
• Peripherals and Support Functions
– Enhanced Wake-On-Radio (eWOR)
Functionality for Automatic Low-Power Receive
Polling
– Includes Functions for Antenna Diversity
Support
– Support for Retransmissions
– Support for Automatic Acknowledge of Received
Packets
– TCXO Support and Control, Also in Power
Modes
– Automatic Clear Channel Assessment (CCA) for
Listen-Before-Talk (LBT) Systems
– Built-in Coding Gain Support for Increased
Range and Robustness
– Digital RSSI Measurement
– Temperature Sensor

1.2 Applications
• Narrowband Ultra-Low-Power Wireless Systems
With Channel Spacing Down to
12.5 kHz
• 169-, 315-, 433-, 868-, 915-, 920-, 950-MHz
ISM/SRD Band
• Wireless Metering and Wireless Smart Grid
(AMR and AMI)
• IEEE 802.15.4g Systems
• Home and Building Automation
• Wireless Alarm and Security Systems
• Industrial Monitoring and Control
• Wireless Healthcare Applications
• Wireless Sensor Networks and Active RFID
• Private Mobile Radios

1.3 Description
The CC1120 device is a fully integrated single-chip radio transceiver designed for high performance at
very low-power and low-voltage operation in cost-effective wireless systems. All filters are integrated, thus
removing the need for costly external SAW and IF filters. The device is mainly intended for Industrial,
Scientific, and Medical (ISM) applications and Short Range Device (SRD) frequency bands at
164 to 192 MHz, 274 to 320 MHz, 410 to 480 MHz, and 820 to 960 MHz.
The CC1120 device provides extensive hardware support for packet handling, data buffering, burst
transmissions, clear channel assessment, link quality indication, and wake-on-radio. The main operating
parameters of the CC1120 device can be controlled through an SPI interface. In a typical system, the
CC1120 device is used with a microcontroller and only a few external passive components.




Similar Part No. - CC1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120 TI-CC1120 Datasheet
967Kb / 30P
High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120 Datasheet
919Kb / 31P
High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120 Datasheet
1Mb / 35P
High Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120 Datasheet
857Kb / 25P
SWRU197H?밪eptember 2010?밨evised April 2014
CC1120 TI1-CC1120 Datasheet
1Mb / 40P
High-Performance RF Transceiver for Narrowband Systems
More results


Similar Description - CC1120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC1120 TI-CC1120 Datasheet
967Kb / 30P
High Performance RF Transceiver for Narrowband Systems
CC1020 TI-CC1020_12 Datasheet
1Mb / 96P
Low-Power RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_12 Datasheet
919Kb / 31P
High Performance RF Transceiver for Narrowband Systems
CC1175 TI-CC1175 Datasheet
875Kb / 22P
High Performance RF Transmitter for Narrowband Systems
CC1120RHBR TI-CC1120RHBR Datasheet
1Mb / 35P
High Performance RF Transceiver for Narrowband Systems
CC1020EMK-433 TI-CC1020EMK-433 Datasheet
1Mb / 92P
Low-Power RF Transceiver for Narrowband Systems
CC1175RHBR TI-CC1175RHBR Datasheet
1Mb / 27P
High Performance RF Transmitter for Narrowband Systems
CC1120 TI1-CC1120_14 Datasheet
1Mb / 40P
High-Performance RF Transceiver for Narrowband Systems
CC1120 TI-CC1120_15 Datasheet
1Mb / 37P
CC1120 High-Performance RF Transceiver for Narrowband Systems
CC1020 TI1-CC1020_17 Datasheet
1Mb / 95P
Low-Power RF Transceiver for Narrowband Systems
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com