Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430 Datasheet (PDF) - Texas Instruments

CC2430 Datasheet PDF - Texas Instruments
Part # CC2430
Download  CC2430 Download
File Size   1907.46 Kbytes
Page   217 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee®

CC2430 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2430 Datasheet PDF - Texas Instruments

Part # CC2430
Download  CC2430 Click to download

File Size   1907.46 Kbytes
Page   217 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee®

CC2430 Datasheet (HTML) - Texas Instruments


CC2430 Product details

Applications
• 2.4 GHz IEEE 802.15.4 systems
• ZigBee® systems
• Home/building automation
• Industrial Control and Monitoring
• Low power wireless sensor networks
• PC peripherals
• Set-top boxes and remote controls
• Consumer Electronics

Product Description
The CC2430 comes in three different flash
versions: CC2430F32/64/128, with 32/64/128
KB of flash memory respectively. The CC2430
is a true System-on-Chip (SoC) solution
specifically tailored for IEEE 802.15.4 and
ZigBee® applications. It enables ZigBee®
nodes to be built with very low total bill-ofmaterial
costs. The CC2430 combines the
excellent performance of the leading CC2420
RF transceiver with an industry-standard
enhanced 8051 MCU, 32/64/128 KB flash
memory, 8 KB RAM and many other powerful
features. Combined with the industry leading
ZigBee® protocol stack (Z-Stack™) from Texas
Instruments, the CC2430 provides the market’s
most competitive ZigBee® solution.
The CC2430 is highly suited for systems where
ultra low power consumption is required. This
is ensured by various operating modes. Short
transition times between operating modes
further ensure low power consumption.

Key Features
• RF/Layout
o 2.4 GHz IEEE 802.15.4 compliant RF
transceiver (industry leading CC2420 radio
core)
o Excellent receiver sensitivity and robustness to
interferers
o Very few external components
o Only a single crystal needed for mesh network
systems
o RoHS compliant 7x7mm QLP48 package
• Low Power
o Low current consumption (RX: 27 mA, TX: 27
mA, microcontroller running at 32 MHz)
o Only 0.5 μA current consumption in powerdown
mode, where external interrupts or the RTC
can wake up the system
o 0.3 μA current consumption in stand-by mode,
where external interrupts can wake up the
system
o Very fast transition times from low-power
modes to active mode enables ultra low
average power consumption in low dutycycle
systems
o Wide supply voltage range (2.0V - 3.6V)
• Microcontroller
o High performance and low power 8051
microcontroller core
o 32, 64 or 128 KB in-system programmable
flash
o 8 KB RAM, 4 KB with data retention in all
power modes
o Powerful DMA functionality
o Watchdog timer
o One IEEE 802.15.4 MAC timer, one general
16-bit timer and two 8-bit timers
o Hardware debug support
• Peripherals
o CSMA/CA hardware support.
o Digital RSSI / LQI support
o Battery monitor and temperature sensor
o 12-bit ADC with up to eight inputs and
configurable resolution
o AES security coprocessor
o Two powerful USARTs with support for several
serial protocols
o 21 general I/O pins, two with 20mA sink/source
capability
• Development tools
o Powerful and flexible development tools
available




Similar Part No. - CC2430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Texas Instruments
CC2430-RTB1-F128 TI-CC2430-RTB1-F128 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2430-RTB1-F128Z TI-CC2430-RTB1-F128Z Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
CC2430-RTB1-F32 TI-CC2430-RTB1-F32 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
More results


Similar Description - CC2430

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2430 TI-CC2430 Datasheet
1Mb / 234P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee-TM
logo
TEXAS ADVANCED OPTOELEC...
CC2430 TAOS-CC2430 Datasheet
1Mb / 212P
A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
logo
Aplus Intergrated Circu...
CC2530F32 APLUS-CC2530F32 Datasheet
890Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
logo
Texas Instruments
CC2530F32_0912 TI-CC2530F32_0912 Datasheet
856Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_2 Datasheet
740Kb / 31P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI-CC2530F32_11 Datasheet
648Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F3 TI-CC2530F3_12 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530 TI1-CC2530 Datasheet
771Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530ZDK TI1-CC2530ZDK Datasheet
440Kb / 34P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
CC2530F32 TI1-CC2530F32_17 Datasheet
980Kb / 36P
A True System-on-Chip Solution for 2.4-GHz IEEE 802.15.4 and ZigBee Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com