Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2500 Datasheet (PDF) - Texas Instruments

CC2500 Datasheet PDF - Texas Instruments
Part # CC2500
Download  CC2500 Download
File Size   2416.54 Kbytes
Page   99 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost Low-Power 2.4 GHz RF Transceiver

CC2500 Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2500 Datasheet PDF - Texas Instruments

Part # CC2500
Download  CC2500 Click to download

File Size   2416.54 Kbytes
Page   99 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description Low-Cost Low-Power 2.4 GHz RF Transceiver

CC2500 Datasheet (HTML) - Texas Instruments


CC2500 Product details

Applications
 2400-2483.5 MHz ISM/SRD band systems
 Consumer electronics
 Wireless game controllers
 Wireless audio
 Wireless keyboard and mouse
 RF enabled remote controls

Product Description
The CC2500 is a low-cost 2.4 GHz transceiver
designed for very low-power wireless applications.
The circuit is intended for the 2400-
2483.5 MHz ISM (Industrial, Scientific and
Medical) and SRD (Short Range Device)
frequency band.
The RF transceiver is integrated with a highly
configurable baseband modem. The modem
supports various modulation formats and has
a configurable data rate up to 500 kBaud.
CC2500 provides extensive hardware support
for packet handling, data buffering, burst
transmissions, clear channel assessment, link
quality indication, and wake-on-radio.
The main operating parameters and the 64-
byte transmit/receive FIFOs of CC2500 can be
controlled via an SPI interface. In a typical
system, the CC2500 will be used together with
a microcontroller and a few additional passive
components.

Key Features
RF Performance
 High sensitivity (–104 dBm at 2.4 kBaud,
1% packet error rate)
 Low current consumption (13.3 mA in RX,
250 kBaud, input well above sensitivity
limit)
 Programmable output power up to +1 dBm
 Excellent receiver selectivity and blocking
performance
 Programmable data rate from 1.2 to 500
kBaud
 Frequency range: 2400 – 2483.5 MHz
Analog Features
 OOK, 2-FSK, GFSK, and MSK supported
 Suitable for frequency hopping and multichannel
systems due to a fast settling
frequency synthesizer with 90 us settling
time
 Automatic Frequency Compensation
(AFC) can be used to align the frequency
synthesizer to the received centre
frequency
 Integrated analog temperature sensor
Digital Features
 Flexible support for packet oriented
systems: On-chip support for sync word
detection, address check, flexible packet
length, and automatic CRC handling
 Efficient SPI interface: All registers can be
programmed with one “burst” transfer
 Digital RSSI output
 Programmable channel filter bandwidth
 Programmable Carrier Sense (CS)
indicator
 Programmable Preamble Quality Indicator
(PQI) for improved protection against false
sync word detection in random noise
 Support for automatic Clear Channel
Assessment (CCA) before transmitting (for
listen-before-talk systems)
 Support for per-package Link Quality
Indication (LQI)
 Optional automatic whitening and dewhitening
of data
Low-Power Features
 400 nA SLEEP mode current consumption
 Fast startup time: 240 us from SLEEP to
RX or TX mode (measured on EM design)
 Wake-on-radio functionality for automatic
low-power RX polling
 Separate 64-byte RX and TX data FIFOs
(enables burst mode data transmission)




Similar Part No. - CC2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2500 TI-CC2500 Datasheet
1Mb / 76P
Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
1,016Kb / 84P
Single Chip Low Cost Low Power RF Transceiver
CC2500 TI-CC2500 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI1-CC2500 Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2500 TI-CC2500 Datasheet
857Kb / 25P
SWRU197H?밪eptember 2010?밨evised April 2014
More results


Similar Description - CC2500

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2400 TI-CC2400 Datasheet
955Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2400 TI-CC2400_07 Datasheet
862Kb / 83P
2.4 GHz Low-Power RF Transceiver
CC2500 TI-CC2500_11 Datasheet
2Mb / 96P
Low-Cost Low-Power 2.4 GHz RF Transceiver
CC2550 TI-CC2550_11 Datasheet
740Kb / 59P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2400RSUR TI-CC2400RSUR Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2550RSTR TI1-CC2550RSTR Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
CC2500RGPR TI1-CC2500RGPR Datasheet
2Mb / 99P
Low-Cost Low-Power 2.4 GHz RF Transceiver
logo
Murata Manufacturing Co...
XDM2510HC MURATA-XDM2510HC Datasheet
931Kb / 16P
2.4 GHz Ultra-low Power WirelessHART RF Transceiver Module
logo
Texas Instruments
CC2400 TI1-CC2400_08 Datasheet
756Kb / 84P
2.4 GHz Low-Power RF Transceiver
CC2550 TI1-CC2550_13 Datasheet
1Mb / 61P
Low-Cost Low-Power 2.4 GHz RF Transmitter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com