Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74CBTLV3861 Datasheet (PDF) - Texas Instruments

SN74CBTLV3861 Datasheet PDF - Texas Instruments
Part # SN74CBTLV3861
Download  SN74CBTLV3861 Download
File Size   698.2 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE 10-BIT FET BUS SWITCH

SN74CBTLV3861 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN74CBTLV3861 Datasheet PDF - Texas Instruments

Part # SN74CBTLV3861
Download  SN74CBTLV3861 Click to download

File Size   698.2 Kbytes
Page   19 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description LOW-VOLTAGE 10-BIT FET BUS SWITCH

SN74CBTLV3861 Datasheet (HTML) - Texas Instruments


SN74CBTLV3861 Product details

5-Ω Switch Connection Between Two Ports
Rail-to-Rail Switching on Data I/O Ports
Ioff Supports Partial-Power-Down Mode
Operation
Flow-Through Architecture Optimizes PCB
Layout
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II

description/ordering information
The SN74CBTLV3861 provides ten bits of
high-speed bus switching. The low on-state
resistance of the switch allows connections to be
made with minimal propagation delay.
The device is organized as one 10-bit bus switch.
When output enable (OE) is low, the 10-bit bus
switch is on, and port A is connected to port B.
When OE is high, the switch is open, and the
high-impedance state exists between the two
ports.
This device is fully specified for partial-power-down applications using Ioff. The Ioff feature ensures that
damaging current will not backflow through the device when it is powered down. The device has isolation during
power off.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.




Similar Part No. - SN74CBTLV3861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
493Kb / 14P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI2-SN74CBTLV3861 Datasheet
340Kb / 12P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
REVISED JANUARY 2008
SN74CBTLV3861 TI2-SN74CBTLV3861 Datasheet
697Kb / 19P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
REVISED OCTOBER 2003
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
More results


Similar Description - SN74CBTLV3861

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861 Datasheet
81Kb / 6P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI-SN74CBTLV3861-Q1 Datasheet
123Kb / 7P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3384 TI-SN74CBTLV3384_07 Datasheet
227Kb / 9P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3861 TI-SN74CBTLV3861_07 Datasheet
493Kb / 14P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBT3384A TI-SN74CBT3384A_07 Datasheet
522Kb / 15P
10-BIT FET BUS SWITCH
SN74CBTLV3861-Q1 TI1-SN74CBTLV3861-Q1_15 Datasheet
725Kb / 11P
LOW-VOLTAGE 10-BIT FET BUS SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com